Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 96Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 93 / 96 page
background image
Product Documentation
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
93
4.3.2
Part Marking
Parts are marked as the example shown in Figure 59.
Figure 59. Part Marking for FC-PBGA Device
5
Product Documentation
The following documents are required for a complete description of the device and are needed to design properly with the part.
•
MPC8610 Integrated Host Processor Reference Manual (document number: MPC8610RM)
•
e600 PowerPC Core Reference Manual (document number: E600CORERM)
MC8610Txx1066Jz
Max CPU speed = 1066 MHz,
Max DDR = 533 MHz
extended Temperature Rating
MC8610xx800Gz
Max CPU speed = 800 MHz,
Max DDR = 400 MHz
MC8610Txx800Gz
Max CPU speed = 800 MHz,
Max DDR = 400 MHz
Extended temperature rating
Note:
1 The xx in the part marking represents the package option.The ‘T’
represents the extended temperature rating. The ‘z’ represents the
revision letter. For more information see Table 63.
Table 64. Part Offerings and Operating Conditions
Part Offerings1
Operating Conditions
MC8610
wxxyyyyMz
TWLYYWW
MMMM
YWWLAZ
YWWLAZ is the assembly traceability code.
MMMM is the M00 (mask) number.
TWLYYWW is the test code.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com