Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
Electrical Characteristics
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
55
3.
Differential input voltage, VID (or differential input swing):
The differential input voltage (or swing) of the receiver, VID, is defined as the difference of the two complimentary
input voltages: VSDn_RX –VSDn_RX. The VID value can be either positive or negative.
4.
Differential peak voltage, VDIFFp
The peak value of the differential transmitter output signal or the differential receiver input signal is defined as
differential peak voltage, VDIFFp = |A – B| volts.
5.
Differential peak-to-peak, VDIFFp-p
Since the differential output signal of the transmitter and the differential input signal of the receiver each range from
A – B to -(A – B) volts, the peak-to-peak value of the differential transmitter output signal or the differential receiver
input signal is defined as differential peak-to-peak voltage, VDIFFp-p = 2 * VDIFFp = 2 * |(A – B)| volts, which is twice
of differential swing in amplitude, or twice of the differential peak. For example, the output differential peak-peak
voltage can also be calculated as VTX-DIFFp-p = 2 * |VOD|.
6.
Differential waveform
The differential waveform is constructed by subtracting the inverting signal (SDn_TX, for example) from the
noninverting signal (SDn_TX, for example) within a differential pair. There is only one signal trace curve in a
differential waveform. The voltage represented in the differential waveform is not referenced to ground. Refer to
Figure 38 as an example for differential waveform.
7.
Common mode voltage, Vcm
The common mode voltage is equal to one half of the sum of the voltages between each conductor of a balanced
interchange circuit and ground. In this example, for SerDes output, Vcm_out = (VSDn_TX + VSDn_TX)/2 = (A + B)/2,
which is the arithmetic mean of the two complimentary output voltages within a differential pair. In a system, the
common mode voltage may often differ from one component’s output to the other’s input. Sometimes, it may be even
different between the receiver input and driver output circuits within the same component. It’s also referred as the DC
offset in some occasion.
Figure 29. Differential Voltage Definitions for Transmitter or Receiver
To illustrate these definitions using real values, consider the case of a CML (current mode logic) transmitter that has a common
mode voltage of 2.25 V and each of its outputs, TD and TD, has a swing that goes between 2.5 and 2.0 V. Using these values,
the peak-to-peak voltage swing of each signal (TD or TD) is 500 mV p-p, which is referred as the single-ended swing for each
signal. In this example, since the differential signaling environment is fully symmetrical, the transmitter output’s differential
swing (VOD) has the same amplitude as each signal’s single-ended swing. The differential output signal ranges between 500 mV
and –500 mV, in other words, VOD is 500 mV in one phase and –500 mV in the other phase. The peak differential voltage
(VDIFFp) is 500 mV. The peak-to-peak differential voltage (VDIFFp-p) is 1000 mV p-p.
Differential Swing, VID or VOD = A – B
A Volts
B Volts
SD
n_TX or
SD
n_RX
SD
n_TX or
SD
n_RX
Differential Peak Voltage, VDIFFp = |A – B|
Differential Peak-Peak Voltage, VDIFFpp = 2*VDIFFp (not shown)
Vcm = (A + B) / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com