Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Hardware Design Considerations
Freescale Semiconductor
84
Option 2
•
If PCI arbiter is disabled during POR,
— All AD pins will be in the input state. Therefore, all ADs pins need to be grouped together and tied to OVDD
through a single (or multiple) 10-k
Ω resistor(s)
— All PCI control pins can be grouped together and tied to OVDD through a single 10-kΩ resistor
— It is optional to disable PCI block through DEVDISR register after POR reset.
3.12
Thermal
This section describes the thermal specifications of the MPC8610.
3.13
Thermal Characteristics
Table 62 provides the package thermal characteristics for the MPC8610.
3.14
Thermal Management Information
This section provides thermal management information for the flip-chip, plastic ball-grid array (FC_PBGA) package for
air-cooled applications. Proper thermal control design is primarily dependent on the system-level design—the heat sink, airflow,
and thermal interface material. The MPC8610 implements several features designed to assist with thermal management,
including the temperature diode. The temperature diode allows an external device to monitor the die temperature in order to
detect excessive temperature conditions and alert the system; see Section 3.14.5, “Temperature Diode,” for more information.
To reduce the die-junction temperature, heat sinks are required; due to the potential large mass of the heat sink, attachment
through the printed-circuit board is suggested. In any implementation of a heat sink solution, the force on the die should not
exceed ten pounds force (45 newtons). Figure 54 shows a spring clip through the board. Occasionally the spring clip is attached
to soldered hooks or to a plastic backing structure. Screw and spring arrangements are also frequently used.
Table 62. Package Thermal Characteristics1
Characteristic
Symbol
Value
Unit
Notes
Junction-to-ambient thermal resistance, natural convection, single-layer (1s) board
RθJA
24
°C/W
1
Junction-to-ambient thermal resistance, natural convection, four-layer (2s2p) board
RθJA
18
°C/W
1
Junction-to-ambient thermal resistance, 200 ft/min airflow, single-layer (1s) board
RθJMA
18
°C/W
1
Junction-to-ambient thermal resistance, 200 ft/min airflow, four-layer (2s2p) board
RθJMA
15
°C/W
1
Junction-to-board thermal resistance
RθJB
10
°C/W
2
Junction-to-case thermal resistance
RθJC
<0.1
°C/W
3
Notes:
1. Junction-to-ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board meets JEDEC
specification for this package.
2. Junction-to-board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC specification for
the specified package.
3. Junction-to-case resistance is less than 0.1°C/W because the silicon die is the top of the packaging case..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com