Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
Electrical Characteristics
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
23
2.3.1
Frequency Derating
To reduce power consumption, these devices support frequency derating if the reduced maximum processor core frequency and
reduced maximum platform frequency requirements are observed. The reduced maximum processor core frequency, resulting
maximum platform frequency and power consumption are provided in Table 7. Only those parameters in Table 7 are affected;
all other parameter specifications are unaffected.
2.4
Input Clocks
Table 8 provides the system clock (SYSCLK) DC specifications for the MPC8610.
Platform PLL voltage supply
AVDD_PLAT = 1.025 V @ 1333 MHz
0.0125
AVDD_PLAT = 1.00 V @ 1066 MHz
0.0125
Notes:
1. This is a maximum power supply number which is provided for power supply and board design information. The numbers are
based on 100% utilization for each component. The components listed are not expected to have 100% usage simultaneously
for all components. Actual numbers may vary based on activity. Note that the production parts should have a total maximum
power value based on Table 5. The ‘Est.’ in the Est. Power column is to emphasize that these numbers are based on
theoretical estimates. The device is tested to ensure that the sum of all four supplies does not exceed the power stated in
Table 5. No specific supply should ever exceed its individual amount estimated in Table 6.
Table 7. Core Frequency, Platform Frequency and Power Consumption Derating
Maximum Rated
Core Frequency
(Device Marking)
Maximum Derated
Core/Platform
Frequency
(MHz)
VDD_Core,
VDD_PLAT
(V)
Typical Power
(Watts)
Thermal Power
(Watts)
Maximum Power
(Watts)
1333J
N/A
1066J
1000/400
1.00
8.0
9.4
12.5
800G
667/333
1.00
5.0
6.4
8.5
Table 8. SYSCLK DC Electrical Characteristics (OVDD = 3.3 V ± 165 mV)
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current (VIN
1 = 0 V or V
IN = VDD)
1 Note that the symbol V
IN, in this case, represents the OVIN symbol referenced in Table 2 and Table 3.
IIN
—±5
μA
Table 6. MPC8610 Individual Supply Maximum Power Dissipation1 (continued)
Component Description
Supply Voltage
(V)
Est. Power
(Watts)
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com