Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Pin Assignments and Reset States
Freescale Semiconductor
12
L1VDD
K14
Digital logic
power supply for
SerDes port 1
L1VDD
L2VDD
K16, K18
Digital logic
power supply for
SerDes port 2
L2VDD
VDD_Core
L8, L10, M9, M11, M13, M15, N8, N10, N12,
N14, N16, P9, P11, P13, P15, R12, R14,
R16, T11, T13, T15, U10, U12, U14, U16,
V9, V11, V13, V15, W8, W10, W12, W14,
W16, Y9, Y11, Y13, Y7, AA8, AA10, AA12,
AB9, AB11, AC8
Core voltage
supply
VDD_Core
VDD_PLAT
L12, L14, L16, L18, M17, P17, T17, V17,
V19, W18, Y17, Y19, AA18
Platform supply
voltage
VDD_PLAT
AVDD_Core
A27
Core PLL supply
AVDD_Core
AVDD_PLAT
B28
Platform PLL
supply
AVDD_PLAT
AVDD_PCI
A2
AVDD_PCI
SD1AVDD
A6
SD1AVDD
SD2AVDD
A16
SD2AVDD
SENSEVDD
AC11
VDD_Core
sensing pin
28
SENSEVSS
AB12
Core GND
sensing pin
28
GND
B2, B27, D25, E3, F26, F5, G8, H23, J4,
K25, L11, L13, L15, L17, L3, L9, M10, M12,
M14, M16, M6, M8, N11, N13, N15, N17,
N19, N25, N9, P12, P14, P16, P8, R11, R13,
R15, R17, R21, R27, R5, T12, T14, T16,
U11, U13, U15, U17, U25, U6, U8, U9, V10,
V12, V14, V16, V18, V22, V26, W11, W13,
W15, W17, W7, W9, Y10, Y12, Y14, Y18,
Y27, Y5, Y8, AA11AA13, AA14, AA16,
AA17, AA19, AA9, AB10, AB13, AB18,
AB19, AB22, AB25, AB3, AB7, AB8, AC14,
AD11, AD17, AD20, AD23, AD26, AD5,
AD8, AE15, AF12, AF18, AF21, AF24,
AF27, AF3, AF6, AF9
GND
SD1AGND
C6
SerDes port 1
ground pin for
SD1AVDD
SD2AGND
B16
SerDes port 2
ground pin for
SD2AVDD
Table 1. Signal Reference by Functional Block (continued)
Name1
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com