Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC8610EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Electrical Characteristics
Freescale Semiconductor
16
2
Electrical Characteristics
This section provides the AC and DC electrical specifications for the MPC8610. The MPC8610 is currently targeted to these
specifications.
2.1
Overall DC Electrical Characteristics
This section covers the ratings, conditions, and other characteristics.
2.1.1
Absolute Maximum Ratings
Table 2 provides the absolute maximum ratings.
Table 2. Absolute Maximum Ratings1
Characteristic
Symbol
Recommended
Value
Unit
Notes
Core supply voltages
VDD_Core
–0.3 to 1.21
V
Core PLL supply
AVDD_Core
–0.3 to 1.21
V
SerDes receiver and core power supply (ports 1 and 2)
S1VDD
S2VDD
–0.3 to 1.21
V
SerDes transmitter power supply (ports 1 and 2)
X1VDD
X2VDD
–0.3 to 1.21
V
SerDes digital logic power supply (ports 1 and 2)
L1VDD
L2VDD
–0.3 to 1.21
V
Serdes PLL supply voltage (ports 1 and 2)
SD1AVDD
SD2AVDD
–0.3 to 1.21
V
Platform supply voltage
VDD_PLAT
–0.3 to 1.21
V
PCI and platform PLL supply voltage
AVDD_PCI
AVDD_PLAT
–0.3 to 1.21
V
DDR/DDR2 SDRAM I/O supply voltages
GVDD
–0.3 to 2.75
V
Local bus and SSI I/O voltage
BVDD
–0.3 to 3.63
V
LCD, PCI, general purpose timer, MPIC, IrDA, DUART, DMA,
interrupts, system control and clocking, debug, test, JTAG, power
management, I2C, SPI, and miscellaneous I/O voltage
OVDD
–0.3 to 3.63
V
Input voltage
DDR/DDR2 SDRAM signals
MVIN
(GND – 0.3) to
(GVDD +0.3)
V
2
DDR/DDR2 SDRAM reference
MVREF
(GND – 0.3) to
(GVDD/2 + 0.3)
V
2
Local bus I/O voltage
BVIN
(GND – 0.3) to
(BVDD +0.3)
V
2
LCD, PCI, general purpose, MPIC, IrDA, DUART,
DMA, interrupts, system control and clocking,
debug, test, JTAG, power management, I2C, SPI
and miscellaneous I/O voltage
OVIN
(GND – 0.3) to
(OVDD +0.3)
V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com