Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC8610EC
Description  Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8610EC Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8610EC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8610EC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
3
Figure 1 shows the major functional units within the MPC8610.
Figure 1. MPC8610 Block Diagram
DDR/DDR2
SDRAM
IRQs
MPC8610
MPX Bus
ROM, NAND Flash,
NOR Flash, GPIO
Serial
I2C
IrDA
SPI
Peripherals
LCD
Timer
Control
PCI Express
x1,x2,x4,x8
External
Control
PCI Express
x1,x2,x4
32-Bit PCI
External
Control
32-Bit PCI
Interface
Four-Channel
DMA Controller 1
Four-Channel
DMA Controller 2
PCI Express
Interface 2 (×8)
PCI Express
Interface 1 (×4)
OCeaN
Switch
Fabric 1
OCeaN
Switch
Fabric 2
Programmable Interrupt
Controller
(PIC)
DDR/DDR2
SDRAM Controller
2 x I2C Controller
2 x Dual Universal
Asynchronous
Receiver/Transmitter
(DUART)
2 x Fast/Serial
Infra-Red Interface
(FIRI/SIRI)
Serial Peripheral
Interface
Display Interface Unit
2 x Global Timer Module
Local Bus Controller
(eLBC)
256-Kbyte
L2
Cache
e600 Core Block
32-Kbyte
L1 Instruction Cache
32-Kbyte
L1 Data Cache
e600 Core w/ AltiVec
MPX Coherency Module (MCM)
I2S/AC97 Audio
2 x Synchronous Serial
Interface (SSI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com