Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 64 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 60Page - ATMEL Corporation AT90SCR100 Datasheet HTML 61Page - ATMEL Corporation AT90SCR100 Datasheet HTML 62Page - ATMEL Corporation AT90SCR100 Datasheet HTML 63Page - ATMEL Corporation AT90SCR100 Datasheet HTML 64Page - ATMEL Corporation AT90SCR100 Datasheet HTML 65Page - ATMEL Corporation AT90SCR100 Datasheet HTML 66Page - ATMEL Corporation AT90SCR100 Datasheet HTML 67Page - ATMEL Corporation AT90SCR100 Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 433 page
background image
64
TPR0327AY–SMS–30Jan09
AT90SCR100
Notes: 1. When the IVSEL bit in MCUCR is set, Interrupt Vectors will be moved to the start of the Boot
Flash Section. The address of each Interrupt Vector will then be the address in this table
added to the start address of the Boot Flash Section.
2. When the BOOTRST Fuse is programmed, the device will jump to the Boot Loader address at
reset, see “Memory Programming” on page 377.
Table 10-2 shows reset and Interrupt Vectors placement for the various combinations of
BOOTRST and IVSEL settings. If the program never enables an interrupt source, the Interrupt
Vectors are not used, and regular program code can be placed at these locations. This is also
the case if the Reset Vector is in the Application section while the Interrupt Vectors are in the
Boot section or vice versa.
Note:
1. The Boot Reset Address is shown in Table 28-7 on page 376. For the BOOTRST Fuse “1”
means unprogrammed while “0” means programmed.
The most typical and general program setup for the Reset and Interrupt Vector Addresses in
AT90SCR100 is:
29
$0038
KEYBOARD
Keyboard Input Changed
30
$003A
AES
AES Block Operation Ended
31
$003C
HSSPI
High-Speed SPI Interface
32
$003E
USB Endpoint
USB Endpoint linked Interrupt
33
$0040
USB Protocol
USB Protocol Interrupt
34
$0042
SCIB
Smart Card Reader Interface
35
$0044
USB Host Control
USB Host Controller Interrupt
36
$0046
USB Host Pipe
USB Host Pipe Interrupt
37
$0048
CPRES
Card Presence Detection
38
$004A
PCINT3
Pin Change Interrupt Request 3
Table 10-2.
Reset and Interrupt Vectors Placement(1)
BOOTRST
IVSEL
Reset Address
Interrupt Vectors Start Address
1
0
0x0000
0x0002
1
1
0x0000
Boot Reset Address + 0x0002
0
0
Boot Reset Address
0x0002
0
1
Boot Reset Address
Boot Reset Address + 0x0002
Table 10-1.
Reset and Interrupt Vectors (Continued)
Vector
No.
Program
Address(1)
Source
Interrupt Definition
Addr
ess
Labels
Code
Comments
0x
jmp
RESET
; Reset Handler
0x02
jmp
INT0
; IRQ0 Handler
0x04
jmp
INT1
; IRQ1 Handler
0x06
jmp
INT2
; IRQ2 Handler
0x08
jmp
INT3
; IRQ3 Handler
0x0A
jmp
PCINT0
; PCINT0 Handler
0x0C
jmp
PCINT1
; PCINT1 Handler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com