Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 41Page - ATMEL Corporation AT90SCR100 Datasheet HTML 42Page - ATMEL Corporation AT90SCR100 Datasheet HTML 43Page - ATMEL Corporation AT90SCR100 Datasheet HTML 44Page - ATMEL Corporation AT90SCR100 Datasheet HTML 45Page - ATMEL Corporation AT90SCR100 Datasheet HTML 46Page - ATMEL Corporation AT90SCR100 Datasheet HTML 47Page - ATMEL Corporation AT90SCR100 Datasheet HTML 48Page - ATMEL Corporation AT90SCR100 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 433 page
background image
45
TPR0327AY–SMS–30Jan09
AT90SCR100
8.2
Power Reduction Register
The Power Reduction Register, PRR, provides a method to stop the clock to individual peripher-
als to reduce power consumption. The current state of the peripheral is frozen and the I/O
registers can not be read or written. Resources used by the peripheral when stopping the clock
will remain occupied, hence the peripheral should in most cases be disabled before stopping the
clock. Waking up a module, which is done by clearing the bit in PRR, puts the module in the
same state as before shutdown.
8.2.1
SMCR – Sleep Mode Control Register
The Sleep Mode Control Register contains control bits for power management.
• Bits 3..1 – SM2..0 : Sleep Mode Select Bits 2..0
These bits select between the five available sleep modes as shown in Table 8-2.
Note:
1. Standby modes are only recommended for use with external crystals or resonators.
• Bit 0 – SE: Sleep Enable
The SE bit must be written to logic one to make the MCU enter the sleep mode when the SLEEP
instruction is executed. To avoid the MCU entering the sleep mode unless it is the programmer’s
purpose, it is recommended to write the Sleep Enable (SE) bit to one just before the execution of
the SLEEP instruction and to clear it immediately after waking up.
8.2.2
PRR0 – Power Reduction Register 0
The Power Reduction Register allows the shut down of peripherals directly connected to CPU
resources. These peripherals are activated by default and can be shut down for power con-
sumption reasons if they are not used by an application.
Bit
7654
3
2
1
0
0x33 (0x53)
----
SM2
SM1
SM0
SE
SMCR
Read/write
RRRR
R/W
R/W
R/W
R/W
Initial value
0000
0
0
0
0
0x00
Table 8-2.
Sleep Mode Select
SM2
SM1
SM0
Sleep Mode
00
0
Idle
0
0
1
Reserved
0
1
0
Power-down
0
1
1
Power-save
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Standby(1)
1
1
1
Extended Standby(1)
Bit
76543
2
1
0
$000064
PRTWI
PRTIM2
PRTIM0
-
PRTIM1
PRSPI
PRUSART0
-
PRR0
Read/write
R/W
R/W
R/W
R
R/W
R/W
R/W
R
Initial value
00000
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com