Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 76 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 72Page - ATMEL Corporation AT90SCR100 Datasheet HTML 73Page - ATMEL Corporation AT90SCR100 Datasheet HTML 74Page - ATMEL Corporation AT90SCR100 Datasheet HTML 75Page - ATMEL Corporation AT90SCR100 Datasheet HTML 76Page - ATMEL Corporation AT90SCR100 Datasheet HTML 77Page - ATMEL Corporation AT90SCR100 Datasheet HTML 78Page - ATMEL Corporation AT90SCR100 Datasheet HTML 79Page - ATMEL Corporation AT90SCR100 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 433 page
background image
76
TPR0327AY–SMS–30Jan09
AT90SCR100
12.2
Specific Low Speed Keyboard Output
To avoid abusive EMC generation, AT90SCR100 embeds specific Low Speed Output Pads.
Figure 12-2.
Low-speed Output Schematic
The current limitation of the CTRL block requires a polarisation current of about 250μA. This
block is automatically disabled in power-down, power-save, standby and extended standby
modes.
These pads only concern KBOn pins located on port PE [0..7]. See “Pin List Configuration” on
page 5.
12.3
LED
AT90SCR100 supports specific ports driving current to allow easy control of LED displays.
Figure 12-3.
LED Source Current
N
Power Management Control
SMCR + CPU status
Port Latch
Data
KBOn
CTRL
N
NMOS
Weak
1. When switching a low level, LEDCR device has a permanent current of
about N mA/15 (N is 2 or 4)
2. The port must be configured and driven as standard IO port.
N
Port Latch
Data
LEDn.0
LEDn.1
Pin
LEDCR
N
NMOS
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com