Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 73 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 69Page - ATMEL Corporation AT90SCR100 Datasheet HTML 70Page - ATMEL Corporation AT90SCR100 Datasheet HTML 71Page - ATMEL Corporation AT90SCR100 Datasheet HTML 72Page - ATMEL Corporation AT90SCR100 Datasheet HTML 73Page - ATMEL Corporation AT90SCR100 Datasheet HTML 74Page - ATMEL Corporation AT90SCR100 Datasheet HTML 75Page - ATMEL Corporation AT90SCR100 Datasheet HTML 76Page - ATMEL Corporation AT90SCR100 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 433 page
background image
73
TPR0327AY–SMS–30Jan09
AT90SCR100
11.1.7
PCMSK3 – Pin Change Mask Register 3
• Bit 7..0 – PCINT31..24 : Pin Change Enable Mask 31..24
Each PCINT31:24 bit selects whether the pin change interrupt is enabled on the corresponding
I/O pin. If PCINT31:24 is set and the PCIE3 bit in PCICR is set, the pin change interrupt is
enabled on the corresponding I/O pin. If PCINT31:24 is cleared, the pin change interrupt on the
corresponding I/O pin is disabled.
11.1.8
PCMSK2 – Pin Change Mask Register 2
• Bit 7..0 – PCINT23..16 : Pin Change Enable Mask 23..16
Each PCINT23:16-bit selects whether the pin change interrupt is enabled on the corresponding
I/O pin. If PCINT23:16 is set and the PCIE2 bit in PCICR is set, the pin change interrupt is
enabled on the corresponding I/O pin. If PCINT23:16 is cleared, the pin change interrupt on the
corresponding I/O pin is disabled.
11.1.9
PCMSK1 – Pin Change Mask Register 1
• Bit 7..0 – PCINT15..8 : Pin Change Enable Mask 15..8
Each PCINT15:8-bit selects whether the pin change interrupt is enabled on the corresponding
I/O pin. If PCINT15:8 is set and the PCIE1 bit in PCICR is set, the pin change interrupt is
enabled on the corresponding I/O pin. If PCINT15:8 is cleared, the pin change interrupt on the
corresponding I/O pin is disabled.
11.1.10
PCMSK0 – Pin Change Mask Register 0
• Bit 7..0 – PCINT7..0: Pin Change Enable Mask 7..0
Each PCINT7:0 bit selects whether the pin change interrupt is enabled on the corresponding I/O
pin. If PCINT7:0 is set and the PCIE0 bit in PCICR is set, the pin change interrupt is enabled on
Bit
7
6543210
0x000073
PCINT31 PCINT30 PCINT29 PCINT28 PCINT27 PCINT26 PCINT25 PCINT24
PCMSK3
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00
Bit
7
6543210
0x00006D
PCINT23 PCINT22 PCINT21 PCINT20 PCINT19 PCINT18 PCINT17 PCINT16
PCMSK2
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00
Bit
7
6543210
0x00006C
PCINT15 PCINT14 PCINT13 PCINT12 PCINT11 PCINT10
PCINT9
PCINT8
PCMSK1
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00
Bit
7
6543210
0x00006B
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
PCMSK0
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com