Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 17Page - ATMEL Corporation AT90SCR100 Datasheet HTML 18Page - ATMEL Corporation AT90SCR100 Datasheet HTML 19Page - ATMEL Corporation AT90SCR100 Datasheet HTML 20Page - ATMEL Corporation AT90SCR100 Datasheet HTML 21Page - ATMEL Corporation AT90SCR100 Datasheet HTML 22Page - ATMEL Corporation AT90SCR100 Datasheet HTML 23Page - ATMEL Corporation AT90SCR100 Datasheet HTML 24Page - ATMEL Corporation AT90SCR100 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 433 page
background image
21
TPR0327AY–SMS–30Jan09
AT90SCR100
6.
AT90SCR100 Memories
This section describes the different memories in the AT90SCR100. The AVR architecture has
two main memory spaces: the Data Memory and the Program Memory spaces. In addition, the
AT90SCR100 features an EEPROM Memory for data storage. All three memory spaces are lin-
ear and regular.
6.1
In-System Reprogrammable Flash Program Memory
The AT90SCR100 contains 64K bytes On-chip In-System Reprogrammable Flash memory for
program storage. As all AVR instructions are 16 or 32 bits wide, the Flash is organized as 32K x
16. For software security, the Flash Program memory space is divided into two sections, Boot
Program section and Application Program section. See “Application and Boot Loader Flash Sec-
tions” on page 363.
The Flash memory has an endurance of at least 10,000 write/erase cycles. The AT90SCR100
Program Counter (PC) is 15/16 bits wide, which permits to address the 32/64K program memory
locations. The operation of Boot Program section and associated Boot Lock bits for software
protection are described in detail in “Memory Programming” on page 377. “Memory Program-
ming” on page 377 contains a detailed description of Flash data serial downloading using the
SPI pins or the JTAG interface.
Constant tables can be allocated within the entire program memory address space (see the LPM
– Load Program Memory instruction description).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execution Tim-
ing” on page 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com