Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 87 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 83Page - ATMEL Corporation AT90SCR100 Datasheet HTML 84Page - ATMEL Corporation AT90SCR100 Datasheet HTML 85Page - ATMEL Corporation AT90SCR100 Datasheet HTML 86Page - ATMEL Corporation AT90SCR100 Datasheet HTML 87Page - ATMEL Corporation AT90SCR100 Datasheet HTML 88Page - ATMEL Corporation AT90SCR100 Datasheet HTML 89Page - ATMEL Corporation AT90SCR100 Datasheet HTML 90Page - ATMEL Corporation AT90SCR100 Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 433 page
background image
87
TPR0327AY–SMS–30Jan09
AT90SCR100
13. Timers
This section contains the detailed description of all 3 timers embedded in the AT90SCR100.
Finally, a global chapter describes the mechanism for prescaler reset used on all 3 registers.
13.1
8-bit Timer/Counter0 with PWM
Timer/Counter0 is a general purpose 8-bit Timer/Counter module, with two independent Output
Compare Units, and with PWM support. It allows accurate program execution timing (event man-
agement) and wave generation. The main features are:
• Two Independent Output Compare Units
• Double Buffered Output Compare Registers
• Clear Timer on Compare Match (Auto Reload)
• Glitch Free, Phase Correct Pulse Width Modulator (PWM)
• Variable PWM Period
• Frequency Generator
• Three Independent Interrupt Sources (TOV0, OCF0A, and OCF0B)
13.1.1
Overview
A simplified block diagram of the 8-bit Timer/Counter0 is shown in Figure 13-1. For the actual
placement of I/O pins, refer to “Pin List Configuration” on page 5. The device-specific I/O Regis-
ter and bit locations are listed in the ““8-bit Timer/Counter0 Register Description” on page 98”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com