Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT90SCR100 Datasheet HTML 1Page - ATMEL Corporation AT90SCR100 Datasheet HTML 2Page - ATMEL Corporation AT90SCR100 Datasheet HTML 3Page - ATMEL Corporation AT90SCR100 Datasheet HTML 4Page - ATMEL Corporation AT90SCR100 Datasheet HTML 5Page - ATMEL Corporation AT90SCR100 Datasheet HTML 6Page - ATMEL Corporation AT90SCR100 Datasheet HTML 7Page - ATMEL Corporation AT90SCR100 Datasheet HTML 8Page - ATMEL Corporation AT90SCR100 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 433 page
background image
2
TPR0327AY–SMS–30Jan09
AT90SCR100
– 48 Mhz clock for Full-speed Bus Operation
– USB Bus Disconnection on Microcontroller Request
Peripheral Features
– One 8-bit Timer/Counter with Separate Prescaler, Compare Mode and PWM Channel
– One 8-bit Timer/Counter with Separate Prescaler, Compare Mode and Real Time Counter on Separate Oscillator
– One 16-bit Timer/Counter with Separate Prescaler and Compare Mode
– Hardware Watchdog
– Hardware AES 128/256 Engine
– Random Number Generator (RNG)
Communication Peripherals
– High Speed Master/Slave SPI Serial Interface (Up to 20Mhz)
– 2-Wire Serial Interface
– USART interface (up to 2Mbps)
– Standard SPI Interface (to ease the communication with most RF front end chips)
Special Microcontroller Feature
– Power-on Reset and Brown-out Detection
– Internal Callibrated Oscillator
– External and Internal Interrupt Sources
– Five Sleep Modes: Idle, Power-save, Power-down, Standby and Extended Standby
– Supply Monitoring with Interrupt Generation below a fixed level.
Keyboard Interface with up to 5x4 Matrix Management Capability with Interrupts and Wake-Up on Key Pressed Event
Up to 4 x I/O Ports: Programmable I/O Port
Up to 4 x LED Outputs with Programmable Current Sources: 2 or 4 mA (not usable in emulation mode)
Specific and Unique Serial Number per IC in production.
Operating Temperature
– Industrial (-40°C to +85°C)
Core Operating Voltages
– 2.4 - 5.5V
DC/DC Operating Voltages (See “Smart Card Interface Characteristics” for details)
– 2.7 - 5.5V
Maximum Frequency
–8MHz Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com