Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 43Page - ATMEL Corporation AT90SCR100 Datasheet HTML 44Page - ATMEL Corporation AT90SCR100 Datasheet HTML 45Page - ATMEL Corporation AT90SCR100 Datasheet HTML 46Page - ATMEL Corporation AT90SCR100 Datasheet HTML 47Page - ATMEL Corporation AT90SCR100 Datasheet HTML 48Page - ATMEL Corporation AT90SCR100 Datasheet HTML 49Page - ATMEL Corporation AT90SCR100 Datasheet HTML 50Page - ATMEL Corporation AT90SCR100 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 433 page
background image
47
TPR0327AY–SMS–30Jan09
AT90SCR100
Writing a logic one to this bit shuts down the Keyboard module by stopping the clock to the mod-
ule. When waking up the Keyboard again, the Keyboard should be re initialized to ensure proper
operation.
• Bit 4 - PRAES: Power Reduction AES
Writing a logic one to this bit shuts down the AES module by stopping the clock to the module.
When waking up the AES again, the AES should be re initialized to ensure proper operation.
• Bit 3 - PRSCI: Power Reduction Smart Card Interface
Writing a logic one to this bit shuts down the Smart Card Interface module by stopping the clock
to the module. When waking up the SCIB again, the SCIB should be re initialized to ensure
proper operation.
• Bit 2 - PRHSSPI: Power Reduction High Speed SPI
Writing a logic one to this bit shuts down the High Speed Serial Peripheral Interface by stopping
the clock to the module. When waking up the HSSPI again, the HSSPI should be re initialized to
ensure proper operation.
• Bit 1 - PRUSB: Power Reduction USB
Writing a logic one to this bit shuts down the USB by stopping the clock to the module. When
waking up the USB again, the USB should be reinitialized to ensure proper operation.
• Bit 0 - PRUSBH: Power Reduction USB Host Controller
Writing a logic one to this bit shuts down the USB Host Controller by stopping the clock to the
module. When waking up the USB Host Controller again, the USB Host module should be reini-
tialized to ensure proper operation.
8.3
Important note about: Entering and Leaving low consumption modes
8.3.1
Entering Power Down
It is very important to note that there is no automatic switch to a low consumption mode for the
PLL Clock Multiplexer and for the DC/DC converter.
• To lower the powerdown consumption, the PLL Clock Multiplexer must be switched to
External Clock and the PLL must be stopped. To do so:
– Switch from PLL to External Clock by clearing PLLCR.PLLMUX.
– Turn the PLL off by clearing PLLCR.ON.
– Wait until PLLCR.LOCK bit is cleared.
• To lower the powerdown consumption, the DC/DC converter must also be switched off. To do
so:
– Clear DCCR.DCON bit. This will generate a deactivation sequence.
Enabling the ‘Power Reduction USB Host Controller’ prevents the device from
communicating with USB smart cards.
However, if the Smart Card Interface is ON, communication with standard smart
cards (ISO7816 1-3) is still possible.
To optimize the power consumption, if the application does not target USB Smart
Card, the USB Host Controller should be disabled this way.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com