Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 27Page - ATMEL Corporation AT90SCR100 Datasheet HTML 28Page - ATMEL Corporation AT90SCR100 Datasheet HTML 29Page - ATMEL Corporation AT90SCR100 Datasheet HTML 30Page - ATMEL Corporation AT90SCR100 Datasheet HTML 31Page - ATMEL Corporation AT90SCR100 Datasheet HTML 32Page - ATMEL Corporation AT90SCR100 Datasheet HTML 33Page - ATMEL Corporation AT90SCR100 Datasheet HTML 34Page - ATMEL Corporation AT90SCR100 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 433 page
background image
31
TPR0327AY–SMS–30Jan09
AT90SCR100
7.
Clock System
7.1
Overview
The Clock system of AT90SCR100 is based on a 8Mhz Oscillator which feeds a Phase Lock
Loop (PLL) providing a 96Mhz clock frequency. Then, dividers permit to calibrate the frequen-
cies available for the different Peripherals, Core and Memories.
All of the clocks do not need to be active at a given time. In order to reduce power consumption,
the clocks to modules not being used can be stopped by using different sleep modes, as
described in “Power Management and Sleep Modes” on page 43. The clock systems are
detailed below.
Figure 7-1 presents the principal clock systems in the AT90SCR100 and their distribution.
Figure 7-1.
Clock Distribution
Core Divider
Internal RC Oscillator
HS SPI Divider
XTAL1
XTAL2
clk
XTAL
clk
XTAL
clk
PLL
clk
MUX
XTAL
Glitches free
(default)
(default)
(default)
(default)
96Mhz
48Mhz
(by 1, 4, 5, 6, 8, 12, 24, 48, 96)
(by 4, 5, 6, 8, 12, 24, 48, 96)
(Divider by 1
Only for Clk
)
clk
CPU
clk
Flash
clk
Write_Flash
(1)
(1)
(2)
(2)
(2)
clk
Core
clk
I/O
clk
HSSPI
PLL
Clock
PLL
Multi-
-plexer
CPU Core
Flash & Eeprom
IOx
Tn
(1): IOx includes: SPI, USART, TWI, AES, Keyboard peripherals
(2): Tn indicates: Timer0, Timer1 and Timer2. Only Timer2 can count using clk
IOx Clock
Controller
High Speed SPI
Block
SCI Divider
(by 8, 12, 16, 20, 24, 48, ...)
clk
PRR1.PRHSSPI
PRR1.PRSCI
PRR1.PRUSB
PRR1.PRSCUSB
1
1
1
1
0
0
0
0
SCI
Smart Card
Interface Block
x 1/2
clk
USB
USB
USB Host Controller
(default)
PRR0.PR (IOx)
1
0
clk
Tn
clk
ASY
ASY
Tn Clock
Controller
(default)
PRR0.PR (Tx)
1
0
TOSC1
T0
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com