Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 44Page - ATMEL Corporation AT90SCR100 Datasheet HTML 45Page - ATMEL Corporation AT90SCR100 Datasheet HTML 46Page - ATMEL Corporation AT90SCR100 Datasheet HTML 47Page - ATMEL Corporation AT90SCR100 Datasheet HTML 48Page - ATMEL Corporation AT90SCR100 Datasheet HTML 49Page - ATMEL Corporation AT90SCR100 Datasheet HTML 50Page - ATMEL Corporation AT90SCR100 Datasheet HTML 51Page - ATMEL Corporation AT90SCR100 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 433 page
background image
48
TPR0327AY–SMS–30Jan09
AT90SCR100
– Wait until DCCR.DCRDY is cleared.
8.3.2
Waking up from Power Down
Do not forget to restore the PLL configuration and DC/DC converter when waking the chip up.
Please refer to Figure 7-4 on page 37 and Figure 16-1 on page 202 to re-enable these
peripherals.
8.4
Minimizing Power Consumption
There are several issues to consider when trying to minimize the power consumption in an AVR
controlled system. In general, sleep modes should be used as much as possible, and the sleep
mode should be selected so that as few as possible of the device’s functions are operating. All
functions not needed should be disabled. In particular, the following modules may need special
consideration when trying to achieve the lowest possible power consumption.
8.4.1
Brown-out Detector
If the Brown-out Detector is not needed by the application, this module should be turned off. If
the Brown-out Detector is enabled by the BODENABLE Fuses, it will be enabled in all sleep
modes, and hence, always consume power. In the deeper sleep modes, this will contribute sig-
nificantly to the total current consumption. Refer to “Brown-out Detection” on page 54 for details
on how to configure the Brown-out Detector.
8.4.2
Internal Voltage Reference
The Internal Voltage Reference will be enabled when needed by the Brown-out Detection. If this
module is disabled as described in the sections above, the internal voltage reference will be dis-
abled and it will not be consuming power. When turned on again, the user must allow the
reference to start up before the output is used. If the reference is kept on in sleep mode, the out-
put can be used immediately. Refer to “Internal Voltage Reference” on page 55 for details on the
start-up time.
8.4.3
Watchdog Timer
If the Watchdog Timer is not needed in the application, the module should be turned off. If the
Watchdog Timer is enabled, it will be enabled in all sleep modes, and hence, always consume
power. In the deeper sleep modes, this will contribute significantly to the total current consump-
tion. Refer to “Interrupts” on page 63 for details on how to configure the Watchdog Timer.
8.4.4
Port Pins
When entering a sleep mode, all port pins should be configured to use minimum power. It is
most important to ensure that no pins drive resistive loads. This ensures that no power is con-
sumed by the input logic when not needed. In some cases, the input logic is needed to detect
wake-up conditions, and it will then be enabled. Refer to the section “Digital Input Enable and
Sleep Modes” on page 81 for details on which pins are enabled. If the input buffer is enabled and
the input signal is left floating or has an analog signal level close to VCC/2, the input buffer will
use excessive power.
8.4.5
On-chip Debug System
If the On-chip debug system is enabled by the OCDEN Fuse and the chip enters sleep mode,
the main clock source is enabled, and hence, always consumes power. In the deeper sleep
modes, this will contribute significantly to the total current consumption.
There are three alternative ways to disable the OCD system:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com