Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 30Page - ATMEL Corporation AT90SCR100 Datasheet HTML 31Page - ATMEL Corporation AT90SCR100 Datasheet HTML 32Page - ATMEL Corporation AT90SCR100 Datasheet HTML 33Page - ATMEL Corporation AT90SCR100 Datasheet HTML 34Page - ATMEL Corporation AT90SCR100 Datasheet HTML 35Page - ATMEL Corporation AT90SCR100 Datasheet HTML 36Page - ATMEL Corporation AT90SCR100 Datasheet HTML 37Page - ATMEL Corporation AT90SCR100 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 433 page
background image
34
TPR0327AY–SMS–30Jan09
AT90SCR100
delay options are shown in Table 7-2. The frequency of the Watchdog Oscillator is voltage
dependent.
The main purpose of the delay is to keep the AVR in reset until it is supplied with the minimum
Vcc. The delay will not monitor the actual voltage thus it will be required to select a delay longer
than the Vcc rise time. If this is not possible, an internal or external Brown-Out Detection circuit
should be used. A BOD circuit will ensure sufficient Vcc before it releases the reset, thus the
time-out delay can be disabled. Disabling the time-out delay without utilizing a Brown-Out Detec-
tion circuit is not recommended.
The oscillator is required to oscillate for a minimum number of cycles before the clock is consid-
ered stable. An internal ripple counter monitors the oscillator output clock, and keeps the internal
reset active for a given number of clock cycles. The reset is then released and the device will
start to execute. The recommended oscillator start-up time is dependent on the clock type, and
varies from 6 cycles for an externally applied clock to 32K cycles for a low frequency crystal.
The start-up sequence for the clock includes both the time-out delay and the start-up time when
the device starts up from reset. When starting up from Power-save or Power-down mode, Vcc is
assumed to be at a sufficient level and only the start-up time is included.
7.2.3
Clock Source Connections
The pins XTAL1 and XTAL2 are the input and output, respectively, of an inverting amplifier
which can be configured for use as an On-chip Oscillator, as shown in Figure 7-2. Either a
quartz crystal or a ceramic resonator may be used.
C1 and C2 should always be equal for both crystals and resonators. For ceramic resonators, the
capacitor values given by the manufacturer should be used.
Figure 7-2.
Crystal Oscillator Connections
7.2.3.1
Low Power Crystal Oscillator
This Crystal Oscillator is a low power oscillator, with reduced voltage swing on the XTAL2 out-
put. It gives the lowest power consumption, but is not capable of driving other clock inputs.
The only crystal supported by the AT90SCR100 is an 8Mhz crystal.
Table 7-2.
Number of Watchdog Oscillator Cycles
Typ Time-out (V
CC = 5.0V)
Typ Time-out (V
CC = 3.0V)
Number of Cycles
0 ms
0 ms
0
4.1 ms
4.3 ms
512
65 ms
69 ms
8K (8,192)
C1 = 47pF
C2 = 47pF
8Mhz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com