Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 28Page - ATMEL Corporation AT90SCR100 Datasheet HTML 29Page - ATMEL Corporation AT90SCR100 Datasheet HTML 30Page - ATMEL Corporation AT90SCR100 Datasheet HTML 31Page - ATMEL Corporation AT90SCR100 Datasheet HTML 32Page - ATMEL Corporation AT90SCR100 Datasheet HTML 33Page - ATMEL Corporation AT90SCR100 Datasheet HTML 34Page - ATMEL Corporation AT90SCR100 Datasheet HTML 35Page - ATMEL Corporation AT90SCR100 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 433 page
background image
32
TPR0327AY–SMS–30Jan09
AT90SCR100
7.1.1
AVR Core Clock - clk
Core
The Core clock is providing clock to all the systems linked with the AVR Core. The CPU and
some peripherals, such as Timers, USART, SPI, TWI, Keyboard interface and AES are directly
connected to the clkCore.
Clock divisions performed by the Core Divider will also affect clkI/O and clkTIM (depending on the
Timer Controller Clock selection).
Please see “CLKPR – Clock Prescale Register” on page 40 for Core Divider access
descriptions.
7.1.2
CPU Clock - clk
CPU
The CPU clock is routed to parts of the system concerned with operation of the AVR core.
Examples of such modules are the General Purpose Register File, the Status Register and the
data memory holding the Stack Pointer. Halting the CPU clock inhibits the core from performing
general operations and calculations.
7.1.3
I/O Clock - clk
I/O
The I/O clock is used by the majority of the I/O modules, like Timer/Counters, SPI, and USART.
The I/O clock is also used by the External Interrupt module, but note that some external inter-
rupts are detected by asynchronous logic, allowing such interrupts to be detected even if the I/O
clock is halted.
7.1.4
Memory Clock - clk
Flash and clkWrite_Flash
The Memory clock controls operation of the Flash interface.
The clkFlash is usually active simultaneously with the CPU clock, and is used to read and execute
code from Flash, and read data from EEPROM.
The clkWrite_Flash is generated independently, and is used for all Flash and EEPROM write proce-
dures. The section “Internal RC Oscillator” on page 37 gives more information about this private
clock.
7.1.5
Asynchronous Timer Clock – clk
ASY
The Asynchronous Timer clock allows the Asynchronous Timer/Counter to be clocked directly
from an external clock or an external 32 kHz clock crystal. The dedicated clock domain allows
this Timer/Counter to be used as a real-time counter even when the device is in sleep mode.
7.1.6
High-Speed SPI Clock - clk
HSSPI
The High-Speed SPI does not use the clkcpu. Using the clkMUX, through specific dividers, the
High-Speed SPI can work to frequencies higher than CPU’s one. Please see “HSSPIIER -
HSSPI Interrupt Enable Register” on page 289, for details about divider description.
You can choose to disable a peripheral by cutting the clock supplying it. This will
reduce the consumption of the AT90SCR100. Please refer to “PRR0 – Power
Reduction Register 0” on page 45 and “PRR1 – Power Reduction Register 1” on
page 46.
Note
You can reduce AT90SCR100 consumption by disabling the clock input into
HSSPI, if you don’t need this peripheral. See “PRR1 – Power Reduction Register
1” on page 46 for details.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com