Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 20Page - ATMEL Corporation AT90SCR100 Datasheet HTML 21Page - ATMEL Corporation AT90SCR100 Datasheet HTML 22Page - ATMEL Corporation AT90SCR100 Datasheet HTML 23Page - ATMEL Corporation AT90SCR100 Datasheet HTML 24Page - ATMEL Corporation AT90SCR100 Datasheet HTML 25Page - ATMEL Corporation AT90SCR100 Datasheet HTML 26Page - ATMEL Corporation AT90SCR100 Datasheet HTML 27Page - ATMEL Corporation AT90SCR100 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 433 page
background image
24
TPR0327AY–SMS–30Jan09
AT90SCR100
In order to prevent unintentional EEPROM writes, a specific write procedure must be followed.
Refer to the description of the EEPROM Control Register for details on this.
When the EEPROM is read, the CPU is halted for four clock cycles before the next instruction is
executed. When the EEPROM is written, the CPU is halted for two clock cycles before the next
instruction is executed.
6.3.2
EEARH and EEARL – The EEPROM Address Register
• Bits 15..12 – Res : Reserved Bits
These bits are reserved bits in the AT90SCR100 and will always read as zero.
• Bits 11..0 – EEAR8..0 : EEPROM Address
The EEPROM Address Registers – EEARH and EEARL specify the EEPROM address in the 4K
bytes EEPROM space. The EEPROM data bytes are addressed linearly between 0 and 4096.
The initial value of EEAR is undefined. A proper value must be written before the EEPROM may
be accessed.
6.3.3
EEDR – The EEPROM Data Register
• Bits 7..0 – EEDR7..0 : EEPROM Data
For the EEPROM write operation, the EEDR Register contains the data to be written to the
EEPROM in the address specified by the EEAR Register. For the EEPROM read operation, the
EEDR contains the data read out from the EEPROM at the address specified by EEAR.
6.3.4
EECR – The EEPROM Control Register
• Bits 7..6 – Res: Reserved Bits
These bits are reserved bits in the AT90SCR100 and will always read as zero.
Bit
15
141312
11
10
9
8
0x22 (0x42)
----
EEAR [11..8]
EEARH
0x21 (0x41)
EEAR [7..0]
EEARL
Bit
7
6543
2
1
0
Read/write
RRRR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
x
x
x
x
xxxxx
x
x
x
Bit
7654
3
2
1
0
0x20 (0x40)
EEDR [7..0]
EEDR
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0000
0
0
0
0
0x00
Bit
7654
3
2
1
0
0x1F (0x3F)
-
-
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
EECR
Read/write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
x
x
0
0
x
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com