Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 50Page - ATMEL Corporation AT90SCR100 Datasheet HTML 51Page - ATMEL Corporation AT90SCR100 Datasheet HTML 52Page - ATMEL Corporation AT90SCR100 Datasheet HTML 53Page - ATMEL Corporation AT90SCR100 Datasheet HTML 54Page - ATMEL Corporation AT90SCR100 Datasheet HTML 55Page - ATMEL Corporation AT90SCR100 Datasheet HTML 56Page - ATMEL Corporation AT90SCR100 Datasheet HTML 57Page - ATMEL Corporation AT90SCR100 Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 433 page
background image
54
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 9-4.
External Reset During Operation
9.2.3
Brown-out Detection
AT90SCR100 has an On-chip Brown-out Detection (BOD) circuit for monitoring the VCC level
during operation by comparing it to a fixed trigger level. The BOD can be activated or disabled
by the BODENABLE Fuses. The trigger level has a hysteresis to ensure spike free Brown-out
Detection. The hysteresis on the detection level should be interpreted as VBOT+ = VBOT + VHYST/2
and VBOT- = VBOT - VHYST/2.
When the BOD is enabled, and VCC decreases to a value below the trigger level (VBOT- in Figure
9-5), the Brown-out Reset is immediately activated. When VCC increases above the trigger level
(VBOT+ in Figure 9-5), the delay counter starts the MCU after the Time-out period tTOUT has
expired.
The BOD circuit will only detect a drop in VCC if the voltage stays below the trigger level for lon-
ger than tBOD given in Table 9-1.
CC
Table 9-2.
BODENABLE Fuse Coding
BODENABLE Fuse
Min VBOT
Typ VBOT
Max VBOT
1
BOD Disabled
0
2.3 V
Table 9-3.
Brown-out Characteristics
Symbol
Parameter
Min
Typ
Max
Units
VHYST
Brown-out Detector Hysteresis
50
mV
tBOD
Min Pulse Width on Brown-out Reset
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com