Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 67Page - ATMEL Corporation AT90SCR100 Datasheet HTML 68Page - ATMEL Corporation AT90SCR100 Datasheet HTML 69Page - ATMEL Corporation AT90SCR100 Datasheet HTML 70Page - ATMEL Corporation AT90SCR100 Datasheet HTML 71Page - ATMEL Corporation AT90SCR100 Datasheet HTML 72Page - ATMEL Corporation AT90SCR100 Datasheet HTML 73Page - ATMEL Corporation AT90SCR100 Datasheet HTML 74Page - ATMEL Corporation AT90SCR100 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 433 page
background image
71
TPR0327AY–SMS–30Jan09
AT90SCR100
is executed. Alternatively, the flag can be cleared by writing a logical one to it. These flags are
always cleared when INT3:0 are configured as level interrupt.
11.1.4
EIRR – External Interrupt Redirection Register
• Bit 3 – INTD3 : External Interruption 3 Direction
This bit is set and cleared by software. Please see the table below for bit description:
• Bit 2 – INTD2 : External Interruption 2 Direction
This bit is set and cleared by software.
11.1.5
PCICR – Pin Change Interrupt Control Register
• Bit 3 – PCIE3 : Pin Change Interrupt Enable 3
When the PCIE3 bit is set (one) and the I-bit in the Status Register (SREG) is set (one), pin
change interrupt 3 is enabled. Any change on any enabled PCINT31:24 pin will cause an inter-
rupt. The corresponding interrupt of the Pin Change Interrupt Request is executed from the PCI3
Interrupt Vector. PCINT31:24 pins are enabled individually by the PCMSK3 Register.
• Bit 2 – PCIE2 : Pin Change Interrupt Enable 2
When the PCIE2 bit is set (one) and the I-bit in the Status Register (SREG) is set (one), pin
change interrupt 2 is enabled. Any change on any enabled PCINT23:16 pin will cause an inter-
When entering sleep mode with the INT3:0 interrupts disabled, the input buffers on
these pins will be disabled. This may cause a logic change in internal signals
which will set the INTF3:0 flags. See “Digital Input Enable and Sleep Modes” on
page 81 for more information.
Note
Bit
7
6543210
0x1A (0x3A)
----
INTD3
INTD2
--
EIRR
Read/write
RRRR
R/W
R/W
RR
Initial value
0
0
0
0
0
0
0
0
0x00
Table 11-3.
External Interruption 3 Pad location
INTD3
Interruption 3 Pad
Description
0
PB1
INT3 active, INT3b inactive
1
PC1
INT3 inactive, INT3b active
Table 11-4.
External Interruption 2 Pad location
INTD3
Interruption 3 Pad
Description
0
PB0
INT2 active, INT2b inactive
1
PC0
INT2 inactive, INT2b active
Bit
7
6543210
0x68
----
PCIE3
PCIE2
PCIE1
PCIE0
PCICR
Read/write
RRRR
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com