Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 39Page - ATMEL Corporation AT90SCR100 Datasheet HTML 40Page - ATMEL Corporation AT90SCR100 Datasheet HTML 41Page - ATMEL Corporation AT90SCR100 Datasheet HTML 42Page - ATMEL Corporation AT90SCR100 Datasheet HTML 43Page - ATMEL Corporation AT90SCR100 Datasheet HTML 44Page - ATMEL Corporation AT90SCR100 Datasheet HTML 45Page - ATMEL Corporation AT90SCR100 Datasheet HTML 46Page - ATMEL Corporation AT90SCR100 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 433 page
background image
43
TPR0327AY–SMS–30Jan09
AT90SCR100
8.
Power Management and Sleep Modes
Sleep modes enable the application to shut down unused modules in the MCU, thereby saving
power. The AVR provides various sleep modes allowing the user to tailor the power consump-
tion to the application’s requirements.
To enter any of the five sleep modes, the SE bit in the SMCR must be written to logic one and a
SLEEP instruction must be executed. The SM2, SM1, and SM0 bits in the SMCR Register select
which sleep mode (Idle, Power-down, Power-save, or Standby) will be activated by the SLEEP
instruction. See Table 8-2 for a summary. If an enabled interrupt occurs while the MCU is in a
sleep mode, the MCU wakes up. The MCU is then halted for four cycles in addition to the start-
up time, executes the interrupt routine, and resumes execution from the instruction following
SLEEP. The contents of the Register File and SRAM are unaltered when the device wakes up
from sleep. If a reset occurs during sleep mode, the MCU wakes up and executes from the
Reset Vector.
Figure 7-1 on page 31 presents the different clock systems in the AT90SCR100, and their distri-
bution. The figure is helpful in selecting an appropriate sleep mode.
8.1
Power Modes Descriptions
8.1.1
Idle Mode
When the SM2:0 bits are written to 000, the SLEEP instruction makes the MCU enter Idle mode,
stopping the CPU but allowing the peripherals and the interrupt system to continue operating.
This sleep mode basically halts clkCPU and clkFLASH, while allowing the other clocks to run.
Idle mode enables the MCU to wake up from external triggered interrupts as well as internal
ones like the Timer Overflow and USART Transmit Complete interrupts, as shown in Table 8-1.
8.1.2
Power-down Mode
When the SM2:0 bits are written to 010, the SLEEP instruction makes the MCU enter Power-
down mode. In this mode, the external Oscillator is stopped, while the external interrupts, the 2-
wire Serial Interface, and the Watchdog continue operating (if enabled). Only an External Reset,
a coherent communication request on the different communication interface (TWI, USB, HSSPI,
SPI, USART), a card insertion/removal, an external interrupt, a pin change interrupt or a key-
board pin pressed interrupt can wake up the MCU. This sleep mode basically halts all generated
clocks, allowing operation of asynchronous modules only.
Please refer to the section entitled “Important note about: Entering and Leaving
low consumption modes” on page 47, to read important remarks on achieving min-
imum consumption.
When waking up from Power-down or Power-Save mode, there is a delay from
when the wake-up condition occurs to when the wake-up becomes effective. This
allows the clock to restart and become stable after having been stopped. The
wake-up period is defined by the same CKSEL Fuses that define the Reset Time-
out period, as described in Table 7-3 on page 35.
Caution
!
Note
To obtain a minimum consumption level, don’t forget to stop the DCDC and PLL,
as remarked in section “Important note about: Entering and Leaving low consump-
tion modes” on page 47.
Caution
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com