Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 61Page - ATMEL Corporation AT90SCR100 Datasheet HTML 62Page - ATMEL Corporation AT90SCR100 Datasheet HTML 63Page - ATMEL Corporation AT90SCR100 Datasheet HTML 64Page - ATMEL Corporation AT90SCR100 Datasheet HTML 65Page - ATMEL Corporation AT90SCR100 Datasheet HTML 66Page - ATMEL Corporation AT90SCR100 Datasheet HTML 67Page - ATMEL Corporation AT90SCR100 Datasheet HTML 68Page - ATMEL Corporation AT90SCR100 Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 433 page
background image
65
TPR0327AY–SMS–30Jan09
AT90SCR100
When the BOOTRST Fuse is unprogrammed, the Boot section size set to 8K bytes and the
IVSEL bit in the MCUCR Register is set before any interrupts are enabled, the most typical and
general program setup for the Reset and Interrupt Vector Addresses is:
Address
Labels Code
Comments
0x00000
RESET: ldi
r16,high(RAMEND); Main program start
0x00001
out
SPH,r16
; Set Stack Pointer to top of RAM
0x0E
jmp
PCINT2
; PCINT2 Handler
0x10
jmp
WDT
; Watchdog Timeout Handler
0x12
jmp
TIM2_COMPA
; Timer2 CompareA Handler
0x14
jmp
TIM2_COMPB
; Timer2 CompareB Handler
0x16
jmp
TIM2_OVF
; Timer2 Overflow Handler
0x18
jmp
TIM1_CAPT
; Timer1 Capture Handler
0x1A
jmp
TIM1_COMPA
; Timer1 CompareA Handler
0x1C
jmp
TIM1_COMPB
; Timer1 CompareB Handler
0x1E
jmp
TIM1_OVF
; Timer1 Overflow Handler
0x20
jmp
TIM0_COMPA
; Timer0 CompareA Handler
0x22
jmp
TIM0_COMPB
; Timer0 CompareB Handler
0x24
jmp
TIM0_OVF
; Timer0 Overflow Handler
0x26
jmp
SPI_STC
; SPI Transfer Complete
0x28
jmp
USART0_RXC
; USART0 RX Complete Handler
0x2A
jmp
USART0_UDRE
; USART0,UDR Empty Handler
0x2C
jmp
USART0_TXC
; USART0 TX Complete Handler
0x2E
jmp
SUPPLY_MON
; Vcc dropped too low
0x30
jmp
NO_VECT
; Vector Forbidden
0x32
jmp
EE_RDY
; EEPROM Ready Handler
0x34
jmp
TWI
; 2-wire Serial Handler
0x36
jmp
SPM_RDY
; SPM Ready Handler
0x38
jmp
KEYBOARD
; Keyboard Handler
0x3A
jmp
AES
; Crypto AES Handler
0x3C
jmp
HSSPI
; HighSPI IT Handler
0x3E
jmp
USB_Endpoint
; USB Endpoint IT Handler
0x40
jmp
USB_Protocol
; USB Protocol IT Handler
0x42
jmp
SCIB
; Smart Card Interface IT
0x44
jmp
USB_Host_Ctl
; USB Host Controller IT
0x46
jmp
USB_Host_Pipe
; USB Host Pipe IT
0x48
jmp
CPRES
; Card inserted/removed
0x4A
jmp
PCINT3
; PCINT3 Handler
;
0x3E
RESET:
ldi
r16, high(RAMEND)
; Main program start
0x3F
out
SPH,r16
; Set Stack Pointer to top of
RAM
0x40
ldi
r16, low(RAMEND)
0x41
out
SPL,r16
0x42
sei
; Enable interrupts
0x43
<instr>
xxx
...
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com