Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT90SCR100 Datasheet HTML 1Page - ATMEL Corporation AT90SCR100 Datasheet HTML 2Page - ATMEL Corporation AT90SCR100 Datasheet HTML 3Page - ATMEL Corporation AT90SCR100 Datasheet HTML 4Page - ATMEL Corporation AT90SCR100 Datasheet HTML 5Page - ATMEL Corporation AT90SCR100 Datasheet HTML 6Page - ATMEL Corporation AT90SCR100 Datasheet HTML 7Page - ATMEL Corporation AT90SCR100 Datasheet HTML 8Page - ATMEL Corporation AT90SCR100 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 433 page
background image
5
TPR0327AY–SMS–30Jan09
AT90SCR100
2.
Pin List Configuration
• 2 package configurations to answer different needs
– 32pins: LowPinCount package: for small package size, useful for small embedded systems
(AT90SCR100L and AT90SCR100LS)
– 64pins: FullPinCount: For full performance advanced reader (AT90SCR100H)
On Full Pin Count (FPC) package, the only supported package type is QFN, and
all the Vss signals are connected to the e-pad. It is important to have it fully sol-
dered on groundplane of final PCB.
• USBReg refers to 3.3V USB specific regulator
• PCINTx refer to Pin Change Interrupts. See “External Interrupt Registers” on
page 69.
Beware of the multiple functionality supported on each port. All functionnality may
be active at the same time. The only way to disable a feature is to deactive it inside
the corresponding peripheral block.
Caution
!
Note
Caution
!
Table 2-1.
Pin List Configuration
ID
Configuration, Role
Vcc
x
x
x
-
Vcc
Voltage Supply
Vss1
x
x
e
(1)
Vss1
Ground
AVss
x
x
e
(1)
AVss
PLL Ground
RST
x
x
x
Vcc
RST
Reset signal:
Drive low to reinitialize the chip
Xtal1
x
x
x
XTAL1
Clock Input:
Support up to 8 Mhz crystals
Xtal2
x
x
x
XTAL2
DVcc
x
x
x
DVcc
Digital Vcc
:Used for internal regulator decoupling
Vcc2
x
x
x
-
Vcc2
Voltage Supply: To be tied to same supply voltage as Vcc
Vcc3
-
-
x
Vcc3
Voltage Supply: To be tied to same supply voltage as Vcc
Vcc4
-
-
x
Vcc4
Voltage Supply: To be tied to same supply voltage as Vcc
Vcc5
-
-
x
Vcc5
Voltage Supply: To be tied to same supply voltage as Vcc
Vdcdc
x
x
x
Vdcdc
Voltage Supply for DC/DC Converter.
Vss2
x
x
e(1)
Vss2
Second Vss: To be tied to Vss
Vss3
x
x
e
(1)
Vss3
Third Vss: To be tied to Vss
D+
x
x
x
USB
Reg
D+
USB Interface
D-
x
x
x
D-
UCap
x
x
x
UCap
USB Decoupling
: Used for specific USB regulator
decoupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com