Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 3Page - ATMEL Corporation AT90SCR100 Datasheet HTML 4Page - ATMEL Corporation AT90SCR100 Datasheet HTML 5Page - ATMEL Corporation AT90SCR100 Datasheet HTML 6Page - ATMEL Corporation AT90SCR100 Datasheet HTML 7Page - ATMEL Corporation AT90SCR100 Datasheet HTML 8Page - ATMEL Corporation AT90SCR100 Datasheet HTML 9Page - ATMEL Corporation AT90SCR100 Datasheet HTML 10Page - ATMEL Corporation AT90SCR100 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 433 page
background image
7
TPR0327AY–SMS–30Jan09
AT90SCR100
Notes:
1. Should be connected to e-pad underneath QFN package
2. According to the current configuration, these pins are supplied either by USB regulator or CVcc
3. PORT C is not complete, due to RTC pins, dedicated to oscillator pads
PE7
-
-
x
Vcc
KbO7
PCINT31
KbOx
: Output for “Keyboard Interface”
PE6
-
-
x
KbO6
PCINT30
PE5
-
-
x
KbO5
PCINT29
PE4
-
-
x
KbO4
PCINT28
PE3
-
-
x
KbO3
PCINT27
PE2
-
-
x
KbO2
PCINT26
PE1
-
-
x
KbO1
PCINT25
PE0
-
-
x
KbO0
PCINT24
x
x
x
Vcc
CPRES
Cx
: “Smart Card Interface Block (SCIB)” : Standard ISO7816
port and “USB Host Controller” .
xx
x
CVcc
CCLK
x
x
x
CRST
xx
x
CIO
xx
x
(2)
CC4, DP
x
x
x
CC8, DM
xx
x
CVcc
CVcc
Smart Card Interface: “DC/DC Converter” Supply Signals
x
x
x
CVSense
xx
e(1)
CVss
xx
x
LI
xx
x
LO
Table 2-1.
Pin List Configuration
ID
Configuration, Role



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com