Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 92 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 88Page - ATMEL Corporation AT90SCR100 Datasheet HTML 89Page - ATMEL Corporation AT90SCR100 Datasheet HTML 90Page - ATMEL Corporation AT90SCR100 Datasheet HTML 91Page - ATMEL Corporation AT90SCR100 Datasheet HTML 92Page - ATMEL Corporation AT90SCR100 Datasheet HTML 93Page - ATMEL Corporation AT90SCR100 Datasheet HTML 94Page - ATMEL Corporation AT90SCR100 Datasheet HTML 95Page - ATMEL Corporation AT90SCR100 Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 433 page
background image
92
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 13-4.
Compare Match Output Unit, Schematic
The general I/O port function is overridden by the Output Compare (OC0x) from the Waveform
Generator if either of the COM0x1:0 bits are set. However, the OC0x pin direction (input or out-
put) is still controlled by the Data Direction Register (DDR) for the port pin. The Data Direction
Register bit for the OC0x pin (DDR_OC0x) must be set as an output before the OC0x value is
visible on the pin. The port override function is independent of the Waveform Generation mode.
The design of the Output Compare pin logic allows the initialization of the OC0x state before the
output is enabled. Note that some COM0x1:0 bit settings are reserved for certain modes of oper-
ation. See “8-bit Timer/Counter0 Register Description” on page 98.
13.1.6
Compare Output Mode and Waveform Generation
The Waveform Generator uses the COM0x1:0 bits differently in Normal, CTC, and PWM modes.
For all modes, setting the COM0x1:0 = 0 instructs the Waveform Generator that no action on the
OC0x Register is to be performed on the next Compare Match. For compare output actions in
the non-PWM modes refer to Table 13-2 on page 99. For fast PWM mode, refer to Table 13-3 on
page 99, and for phase correct PWM refer to Table 13-4 on page 99.
A change of the COM0x1:0 bits state will have an effect at the first Compare Match after the bits
are written. For non-PWM modes, the action can be forced to have an immediate effect by using
the FOC0x strobe bits.
13.1.7
Modes of Operation
The mode of operation, i.e., the behavior of the Timer/Counter and the Output Compare pins, is
defined by the combination of the Waveform Generation mode (WGM02:0) and the Compare
Output mode (COM0x1:0) bits. The Compare Output mode bits do not affect the counting
sequence, while the Waveform Generation mode bits do. The COM0x1:0 bits control whether
the PWM output generated should be inverted or not (inverted or non-inverted PWM). For non-
PWM modes the COM0x1:0 bits control whether the output should be set, cleared, or toggled at
a Compare Match (See “Compare Match Output Unit” on page 91.).
For detailed timing information see “Timer/Counter Timing Diagrams” on page 97.
PORT
DDR
DQ
DQ
OC0x
Pin
OC0x
DQ
Waveform
Generator
COM0x1
COM0x0
0
1
FOC0n
clk
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com