Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT90SCR100 Datasheet HTML 1Page - ATMEL Corporation AT90SCR100 Datasheet HTML 2Page - ATMEL Corporation AT90SCR100 Datasheet HTML 3Page - ATMEL Corporation AT90SCR100 Datasheet HTML 4Page - ATMEL Corporation AT90SCR100 Datasheet HTML 5Page - ATMEL Corporation AT90SCR100 Datasheet HTML 6Page - ATMEL Corporation AT90SCR100 Datasheet HTML 7Page - ATMEL Corporation AT90SCR100 Datasheet HTML 8Page - ATMEL Corporation AT90SCR100 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 433 page
background image
General Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
– 132 Powerful Instructions - Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Up to 16MIPS Throughput at 16Mhz
– On-chip 2-cycle Multiplier
• Non-volatile Program and Data Memories
– 64K Bytes of In-System Self-Programmable Flash
• Endurance: 10,000 Write/Erase Cycles
– 4K Bytes EEPROM
• Contains 128 Bytes of One Time Programmable Memory
• Endurance: 100,000 Write/Erase Cycles
– 4K Bytes Internal SRAM
– Optional Boot Code Section
• In-System Programming by On-chip Bootloader program
• JTAG (IEEE std. 1149.1 compliant) Interface
– Boundary-scan Capabilities According to the JTAG Standard
– Extensive On-chip Debug Support
– Programming of Flash, EEPROM, Fuses, and Locks Bits through JTAG Interface
– Locking JTAG for Software Security (using OTP programmation)
• ISO7816 UART Interface Fully compliant with EMV, GIE-CB and WHQL Standards
– Programmable ISO clock from 1 Mhz to 4.8, 6, 8 or 12Mhz
– Card insertion/removal detection with automatic deactivation sequence
– Programmable Baud Rate Generator from 372 to 3 clock cycles
– Synchronous/Asynchronous Protocols T=0 and T=1 with Direct or Inverse
Convention
– Automatic character repetition on parity errors
– 32 Bit Waiting Time Counter
– 16 Bit Guard Time Counter/Block Guard Time Counter
– Internal Step Up/Down Converter with Programmable Voltage Output if DC/DC
embedded:
• Class A: 5V +/-8% at 60mA, Vcc>2.85 (50mA if Vcc >2.7)
• Class B: 3V +/-8% at 60mA, Vcc>2.85 (50mA if Vcc >2.7)
• Class C: 1.8V +/-8% at 35mA
– ISO7816-12 USB Host controller for card interface
• Supports up to 60mA USB Smart Cards
• Supports limited cable length to Smart Card Connector (~50cm)
– 4 kV ESD (MIL/STD 833 Class 3) protection on whole Smart Card Interface
• USB 2.0 Full-speed Device Module
– Complies fully with:
• Universal Serial Bus Specification Rev 2.0
– Supports data transfer rates up to 12 Mbit/s
– Endpoint 0 for Control Transfers : up to 64-bytes
– 8 Programmable Endpoints with IN or OUT Directions and with Bulk, Interrupt or
Isochronous Transfers
• 3 Programmable Endpoints with double buffering of 64x2 bytes
– Suspend/Resume Interrupts, and Remote Wake-up Support
– Power-on Reset and USB Bus Reset
8-bit
Microcontroller
for Smart Card
Readers
AT90SCR100
Datasheet
Preliminary
TPR0327AY–SMS–30Jan09


Similar Part No. - AT90SCR100

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90SCR100 ATMEL-AT90SCR100 Datasheet
312Kb / 10P
8-bit Microcontroller for Smart Card Readers
More results

Similar Description - AT90SCR100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
8-Bit Microcontroller for Monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
8-Bit Microcontroller for Monitor
logo
Renesas Technology Corp
AE45C RENESAS-AE45C Datasheet
242Kb / 2P
HIGH SECURITY 16 BIT SMART CARD MICROCONTROLLER
logo
ATMEL Corporation
T89C5121 ATMEL-T89C5121 Datasheet
800Kb / 110P
8-bit Microcontroller with Multi protocol SMART Card Interface
AT91SC25672RC ATMEL-AT91SC25672RC Datasheet
58Kb / 4P
32-bit Secure Microcontroller for Smart Cards
logo
Samsung semiconductor
S3C89V5 SAMSUNG-S3C89V5 Datasheet
59Kb / 14P
8-BIT MICROCONTROLLER for SMART CARD
logo
ATMEL Corporation
T83C5121 ATMEL-T83C5121_06 Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
T83C5121 ATMEL-T83C5121_03 Datasheet
817Kb / 108P
8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
AT90SCR100 ATMEL-AT90SCR100 Datasheet
312Kb / 10P
8-bit Microcontroller for Smart Card Readers
AT90SCR050 ATMEL-AT90SCR050 Datasheet
116Kb / 4P
8-bit Microcontroller for Smart Card Readers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com