Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 18Page - ATMEL Corporation AT90SCR100 Datasheet HTML 19Page - ATMEL Corporation AT90SCR100 Datasheet HTML 20Page - ATMEL Corporation AT90SCR100 Datasheet HTML 21Page - ATMEL Corporation AT90SCR100 Datasheet HTML 22Page - ATMEL Corporation AT90SCR100 Datasheet HTML 23Page - ATMEL Corporation AT90SCR100 Datasheet HTML 24Page - ATMEL Corporation AT90SCR100 Datasheet HTML 25Page - ATMEL Corporation AT90SCR100 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 433 page
background image
22
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 6-1.
Full Memory Map
6.2
SRAM Data Memory
Figure 6-1 shows how the AT90SCR100 SRAM Memory is organized.
The AT90SCR100 is a complex microcontroller with more peripheral units than can be sup-
ported within the 64 locations reserved in the Opcode of the IN and OUT instructions. For the
Extended I/O space from 0x0060 - 0x00FF in SRAM, only the ST/STS/STD and LD/LDS/LDD
instructions can be used.
The address range $00 - $10FF Data Memory address the Register File, the I/O Memory,
Extended I/O Memory, and the internal data SRAM. The first 32 locations address the Register
file, the next 64 location the standard I/O Memory, then 160 locations of Extended I/O memory
and the next 4,096 locations address the internal data SRAM.
The five different addressing modes for the data memory cover: Direct, Indirect with Displace-
ment, Indirect, Indirect with Pre-decrement, and Indirect with Post-increment. In the Register file,
registers R26 to R31 feature the indirect addressing pointer registers.
The direct addressing reaches the entire data space.
The Indirect with Displacement mode reaches 63 address locations from the base address given
by the Y- or Z-register.
Application Flash Section
16 bits
0x0000
0x001F
0x0020
0x005F
0x0060
0x00FF
0x0100
0x10FF
0x1000
0x0000
0x0000
0x6FFF
0x7000
0x7FFF
Boot Flash Section
Program Memory
SRAM Memory
IO Registers
32 General Purpose
Working Registers
Peripheral Registers
EEPROM Data
Memory
EEPROM Memory
Data Memory
8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com