Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 73Page - ATMEL Corporation AT90SCR100 Datasheet HTML 74Page - ATMEL Corporation AT90SCR100 Datasheet HTML 75Page - ATMEL Corporation AT90SCR100 Datasheet HTML 76Page - ATMEL Corporation AT90SCR100 Datasheet HTML 77Page - ATMEL Corporation AT90SCR100 Datasheet HTML 78Page - ATMEL Corporation AT90SCR100 Datasheet HTML 79Page - ATMEL Corporation AT90SCR100 Datasheet HTML 80Page - ATMEL Corporation AT90SCR100 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 433 page
background image
77
TPR0327AY–SMS–30Jan09
AT90SCR100
Notes: 1. When LED control disabled, a current of ~8mA is provided on the port.
12.3.1
LEDCR - LED Control Register
• Bit 7..6, 5..4, 3..2, 1..0 - LEDn [1..0]: LED Port configuration bits
12.4
Ports as General Digital I/O
The ports are bi-directional I/O ports with optional internal pull-ups. Figure 12-4 shows a func-
tional description of one I/O-port pin, here generically called Pxn.
Table 12-1.
LED Configuration
LEDx.1
LEDx.0
Port Latch Data
NMOS
PIN
Comments
00
0
1
0
LED control disabled(1)
00
1
0
1
01
0
0
0
LED mode 2 mA
01
1
0
1
10
0
0
0
LED mode 4 mA
10
1
0
1
Bit
765
43
2
1
0
$000075
LED3 [1..0]
LED2 [1..0]
LED1 [1..0]
LED0 [1..0]
LEDCR
Read/write
RRRRR
R
R
R
Initial value
0
0
0
0
0
0
0
0
0x00
Table 13-1 .
LED Port Selection
LEDn1
LEDn0
Description
0
0
LED control disabled
0
1
2 mA Current Source
1
0
4 mA Current Source
1
1
Reserved Configuration
For implementation example, please see section “Typical Application” on page
400.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com