Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 34Page - ATMEL Corporation AT90SCR100 Datasheet HTML 35Page - ATMEL Corporation AT90SCR100 Datasheet HTML 36Page - ATMEL Corporation AT90SCR100 Datasheet HTML 37Page - ATMEL Corporation AT90SCR100 Datasheet HTML 38Page - ATMEL Corporation AT90SCR100 Datasheet HTML 39Page - ATMEL Corporation AT90SCR100 Datasheet HTML 40Page - ATMEL Corporation AT90SCR100 Datasheet HTML 41Page - ATMEL Corporation AT90SCR100 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 433 page
background image
38
TPR0327AY–SMS–30Jan09
AT90SCR100
7.2.5.1
Internal RC Oscillator Speed
Figure 7-5.
Calibrated 8 MHz RC Oscillator Frequency vs. Temperature
Figure 7-6.
Calibrated 8 MHz RC Oscillator Frequency vs. Operating Voltage
The figures below are based on other AVR microcontrollers.
These values are preliminary values representing design targets, and will be
updated after characterization of the silicon
Caution
!
CALIBRATED 8 MHz RC OSCILLATOR FREQUENCY vs. TEMPERATURE
5.5V
5.0V
4.5V
4.0V
3.3V
2.7V
7,7
7,8
7,9
8
8,1
8,2
8,3
-60
-40
-20
0
20
40
60
80
100
Temperature
CALIBRATED 8MHz RC OSCILLATOR FREQUENCY vs. OPERATING VOLTAGE
85°C
25°C
-40°C
7,5
7,6
7,7
7,8
7,9
8
8,1
8,2
8,3
8,4
8,5
1,5
2
2,5
3
3,5
4
4,5
5
5,5
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com