Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 56 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 52Page - ATMEL Corporation AT90SCR100 Datasheet HTML 53Page - ATMEL Corporation AT90SCR100 Datasheet HTML 54Page - ATMEL Corporation AT90SCR100 Datasheet HTML 55Page - ATMEL Corporation AT90SCR100 Datasheet HTML 56Page - ATMEL Corporation AT90SCR100 Datasheet HTML 57Page - ATMEL Corporation AT90SCR100 Datasheet HTML 58Page - ATMEL Corporation AT90SCR100 Datasheet HTML 59Page - ATMEL Corporation AT90SCR100 Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 433 page
background image
56
TPR0327AY–SMS–30Jan09
AT90SCR100
To reduce power consumption in Power-down mode, the user can avoid the two conditions
above to ensure that the reference is turned off before entering Power-down mode.
Notes: 1. Values are guidelines only. Actual values are TBD.
9.4
Supply monitor
This feature is designed to prevent the AT90SCR100 operating under conditions that don’t guar-
antee a correct operation of its peripherals.
Useful to detect battery low voltage, the supply monitor peripheral generate an interruption when
Vcc drops below a level defined in Table 9-5.
Vcc shall be below Supply Monitor level for a minimum time before the interruption to be gener-
ated. In the same behavior than BOD, the Supply Monitor has an hysteresis to reach the level,
interpreted as VSMON+ = VSMON + VSMHYST/2 and VSMON- = VSMON - VSMHYST/2
Figure 9-7.
Supply Monitor description
Please refer to section “SMONCR – Supply Monitor Control Register” on page 60 and section
“Interrupts” on page 63 for Supply Monitor interruption management.
Table 9-4.
Internal Voltage Reference Characteristics(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
tBG
Reference start-up time
VCC = 2.7
TA = 25°C
40
70
μs
Table 9-5.
Supply Monitor References
Symbol
Parameter
Min
Typ
Max
Units
VSMON
Supply Monitor Level
2.5
V
VSMHYST
Supply Monitor Hysteresis
50
mV
tSMON
Min Pulse Width on Brown-out Reset
ns
VCC
RESET
INTERRUPT
TRIGGER
VSMON-
VSMON+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com