Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 29Page - ATMEL Corporation AT90SCR100 Datasheet HTML 30Page - ATMEL Corporation AT90SCR100 Datasheet HTML 31Page - ATMEL Corporation AT90SCR100 Datasheet HTML 32Page - ATMEL Corporation AT90SCR100 Datasheet HTML 33Page - ATMEL Corporation AT90SCR100 Datasheet HTML 34Page - ATMEL Corporation AT90SCR100 Datasheet HTML 35Page - ATMEL Corporation AT90SCR100 Datasheet HTML 36Page - ATMEL Corporation AT90SCR100 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 433 page
background image
33
TPR0327AY–SMS–30Jan09
AT90SCR100
7.1.7
Smart Card Interface Clock - clk
SCI
The Smart Card Interface clock is generated from clkMUX via a specific Divider described in the
section “SCICLK - Smart Card Clock Register” on page 199. This means the SCIB is capable of
operating at frequencies up to 12Mhz.
7.1.8
USB Clock - clkUSB
The USB modules can only work if clkMUX = clkPLL. Then, an automatic divider by 2 is applied to
reach the 48 Mhz.
Both USB Device and USB Host Controller modules use clkUSB.
7.2
Clock Sources
At chip startup, clkMUX = clkXTAL. The external clock must be a 8Mhz clock, and can be generated
by either a crystal or an oscillator.
The selection of the External Clock source is done by a fuse as shown below:
Notes: 1. For all fuses “1” means unprogrammed while “0” means programmed.
7.2.1
Default Clock Source
The device is shipped in “Low Power Crystal Oscillator” mode. The start-up time is set to maxi-
mum and the time-out period enabled.
Even if the AT90SCR100 core has swtiched to clkPLL, it can switch to clkXTAL again by clearing
the PLLCR.PLLMUX bit. See “PLLCR – Phase Lock Loop (PLL) Control Register” on page 40.
7.2.2
Clock Startup Sequence
Any clock source needs a sufficient VCC to start oscillating and a minimum number of oscillating
cycles before it can be considered stable.
To ensure sufficient VCC, the device issues an internal reset with a time-out delay (tTOUT) after
the device reset is released by all other reset sources. The “On-chip Debug System” on page 48
describes the start conditions for the internal reset. The delay (tTOUT) is timed from the Watchdog
Oscillator and the number of cycles in the delay is set by the SUTx and CKSELx fuse bits. The
You can reduce AT90SCR100 consumption by disabling the clock input into SCIB,
if you don’t need this peripheral. See “PRR1 – Power Reduction Register 1” on
page 46 for details.
Note
You can reduce AT90SCR100 consumption by disabling the clock input into USB
Device module and/or USB Host Module, if you don’t need these peripherals. See
“PRR1 – Power Reduction Register 1” on page 46 for details.
Note
Table 7-1.
Device Clocking Options Select (1)
Device Clocking Option
CKSEL3
Low Power Crystal Oscillator
1
External Clock
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com