Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 48Page - ATMEL Corporation AT90SCR100 Datasheet HTML 49Page - ATMEL Corporation AT90SCR100 Datasheet HTML 50Page - ATMEL Corporation AT90SCR100 Datasheet HTML 51Page - ATMEL Corporation AT90SCR100 Datasheet HTML 52Page - ATMEL Corporation AT90SCR100 Datasheet HTML 53Page - ATMEL Corporation AT90SCR100 Datasheet HTML 54Page - ATMEL Corporation AT90SCR100 Datasheet HTML 55Page - ATMEL Corporation AT90SCR100 Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 433 page
background image
52
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 9-1.
Reset Logic
Notes: 1. Values are guidelines only. Actual values are TBC.
2. The Power-on Reset will not work unless the supply voltage has been below VPOT (falling)
9.2.1
Power-on Reset
A Power-on Reset (POR) pulse is generated by an On-chip detection circuit. The detection level
is defined in Table 9-1. The POR is activated whenever VCC is below the detection level. The
POR circuit can be used to trigger the start-up Reset, as well as to detect a failure in supply
voltage.
Table 9-1.
Reset Characteristics(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VPOT
Power-on Reset Threshold
Voltage (rising)
1.4
1.8
V
Power-on Reset Threshold
Voltage (falling)(2)
1.3
1.8
V
VRST
RESET Pin ViL
0.2VCC
V
RESET Pin ViH
0.85VCC
tRST
Minimum pulse width on
RESET Pin
1.5
μs
MCU Status
Register (MCUSR)
Brown-out
Reset Circuit
BODLEVEL
Delay Counters
CK
TIMEOUT
DATA BUS
Clock
Controller
SPIKE
FILTER
Pull-up Resistor
JTAG Reset
Register
Watchdog
Oscillator
SUT[1:0]
Power-on Reset
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com