Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 37Page - ATMEL Corporation AT90SCR100 Datasheet HTML 38Page - ATMEL Corporation AT90SCR100 Datasheet HTML 39Page - ATMEL Corporation AT90SCR100 Datasheet HTML 40Page - ATMEL Corporation AT90SCR100 Datasheet HTML 41Page - ATMEL Corporation AT90SCR100 Datasheet HTML 42Page - ATMEL Corporation AT90SCR100 Datasheet HTML 43Page - ATMEL Corporation AT90SCR100 Datasheet HTML 44Page - ATMEL Corporation AT90SCR100 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 433 page
background image
41
TPR0327AY–SMS–30Jan09
AT90SCR100
• Bits 3..0 – CLKPS3..0 : Clock Prescaler Select Bits 3..0
These bits define the division factor between the selected clock source and the internal system
clock. These bits can be written at run-time to vary the clock frequency to suit the application
requirements. As the divider divides the master clock input to the MCU, the speed of all synchro-
nous peripherals is reduced when a division factor is used. The division factors are given in
Table 7-5.
You can change the CLKPR on the fly. The divider will automatically be active.
Default value of CLKPR is 0x00.
Notes: 1. clkMUX=96Mhz, clock generated by the PLL
2. clkMUX=8Mhz, clock provided by external clock source XTAL.
3. It is impossible for the CPU core to support 96Mhz, thus, by default, the divide by one clock
option generates a 16Mhz clock.
Table 7-5.
Clock Prescaler Select (clkCPU)
CLKPS3
CLKPS2
CLKPS1
CLKPS0
CLKPR
Clock Division
Factor
clk
CPU
(
clk
MUX = clkPLL)
(1)
clk
CPU
(
clk
MUX = clkXTAL)
(2)
000
0
0x00
1(3)
16Mhz(3)
8Mhz
000
1
0x01
4
24Mhz
2Mhz
0
0
1
0
0x02
5
19.2Mhz
1.60Mhz
0
0
1
1
0x03
6
16Mhz
1.33Mhz
010
0
0x04
8
12Mhz
1Mhz
0
1
0
1
0x05
12
8Mhz
0.67Mhz
0
1
1
0
0x06
24
4Mhz
0.33Mhz
0
1
1
1
0x07
48
2Mhz
0.17Mhz
1
0
0
0
0x08
96
1Mhz
0.08Mhz
100
1
0x09
Reserved
101
0
0x0A
101
1
0x0B
110
0
0x0C
110
1
0x0D
111
0
0x0E
111
1
0X0F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com