Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 126 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 126 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 122Page - ATMEL Corporation AT90SCR100 Datasheet HTML 123Page - ATMEL Corporation AT90SCR100 Datasheet HTML 124Page - ATMEL Corporation AT90SCR100 Datasheet HTML 125Page - ATMEL Corporation AT90SCR100 Datasheet HTML 126Page - ATMEL Corporation AT90SCR100 Datasheet HTML 127Page - ATMEL Corporation AT90SCR100 Datasheet HTML 128Page - ATMEL Corporation AT90SCR100 Datasheet HTML 129Page - ATMEL Corporation AT90SCR100 Datasheet HTML 130Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 433 page
background image
126
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 13-24.
Timer/Counter Timing Diagram, with Prescaler (fclk_I/O/8)
13.2.10
16-bit Timer/Counter Register Description
13.2.10.1
TCCR1A – Timer/Counter1 Control Register A
• Bit 7..6 – COM1A1..0: Compare Output Mode for Channel A
• Bit 5..4 – COM1B1..0: Compare Output Mode for Channel B
The COM1A1:0 and COM1B1:0 control the Output Compare pins (OC1A and OC1B respec-
tively) behavior. If one or both of the COM1A1:0 bits are written to one, the OC1A output
overrides the normal port functionality of the I/O pin it is connected to. If one or both of the
COM1B1:0 bit are written to one, the OC1B output overrides the normal port functionality of the
I/O pin it is connected to. However, note that the Data Direction Register (DDR) bit correspond-
ing to the OC1A or OC1B pin must be set in order to enable the output driver.
When the OC1A or OC1B is connected to the pin, the function of the COM1x1:0 bits is depen-
dent of the WGM13:0 bits setting. Table 13-11 shows the COM1x1:0 bit functionality when the
WGM13:0 bits are set to a Normal or a CTC mode (non-PWM).
TOV1(FPWM)
and ICF1 (if used
as TOP)
OCR1x
(Update at TOP)
TCNT1
(CTC and FPWM)
TCNT1
(PC and PFC PWM)
TOP - 1
TOP
TOP - 1
TOP - 2
Old OCR1x Value
New OCR1x Value
TOP - 1
TOP
BOTTOM
BOTTOM + 1
clk
I/O
clk
Tn
(clk
I/O/8)
Bit
7654
3
2
1
0
$000080
COM1A1 COM1A0 COM1B1 COM1B0
-
-
WGM11
WGM10
TCCR1A
Read/write
R/W
R/W
R/W
R/W
R
R
R/W
R/W
Initial value
0000
0
0
0
0
0x00
Table 13-11.
Compare Output Mode, non-PWM
COM1A1/COM1B1
COM1A0/COM1B0
Description
0
0
Normal port operation, OC1A/OC1B disconnected.
0
1
Toggle OC1A/OC1B on Compare Match.
10
Clear OC1A/OC1B on Compare Match (Set output to
low level).
11
Set OC1A/OC1B on Compare Match (Set output to
high level).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com