Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 363 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 363 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 359Page - ATMEL Corporation AT90SCR100 Datasheet HTML 360Page - ATMEL Corporation AT90SCR100 Datasheet HTML 361Page - ATMEL Corporation AT90SCR100 Datasheet HTML 362Page - ATMEL Corporation AT90SCR100 Datasheet HTML 363Page - ATMEL Corporation AT90SCR100 Datasheet HTML 364Page - ATMEL Corporation AT90SCR100 Datasheet HTML 365Page - ATMEL Corporation AT90SCR100 Datasheet HTML 366Page - ATMEL Corporation AT90SCR100 Datasheet HTML 367Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 433 page
background image
363
TPR0327AY–SMS–30Jan09
AT90SCR100
28. Boot Loader Support - Read-While-Write Self-Programming
The Boot Loader Support provides a real Read-While-Write Self-Programming mechanism to
download and upload program code by the MCU itself. This feature allows flexible application
software updates controlled by the MCU using a Flash-resident Boot Loader program. The Boot
Loader program can use any available data interface and associated protocol to read and/or
write (program) code into the Flash memory. The program code within the Boot Loader section
has the capability to write into the entire Flash, including the Boot Loader memory. Thus, the
Boot Loader can modify itself or erase itself from the code if the feature is not needed anymore.
The size of the Boot Loader memory is configurable with fuses and the Boot Loader has two
separate sets of Boot Lock bits which can be set independently. This gives the user a unique
flexibility to select different levels of protection.
28.1
Boot Loader Features
• Read-While-Write Self-Programming
• Flexible Boot Memory Size
• High Security (Separate Boot Lock Bits for a Flexible Protection)
• Separate Fuse to Select Reset Vector
• Optimized Page Size
• Code Efficient Algorithm
• Efficient Read-Modify-Write Support
28.2
Application and Boot Loader Flash Sections
The Flash memory is organized in two main sections, the Application section and the Boot
Loader section (see Figure 28-2). The size of the different sections is configured by the
BOOTSZ Fuses as shown in Table 28-7 on page 376 and Figure 28-2. These two sections can
have different level of protection because they have different sets of Lock bits.
28.2.1
Application Section
The Application section is the section of the Flash that is used to store the application code. The
protection level for the Application section can be selected by the application Boot Lock bits
(Boot Lock bits 0), see Table 28-2 on page 366. The Application section can never store any
Boot Loader code because the SPM instruction is disabled when executed from the Application
section.
28.2.2
BLS – Boot Loader Section
While the Application section is used to store the application code, the The Boot Loader soft-
ware must be located in the BLS because the SPM instruction can initiate a programming
sequence when executing from the BLS only. The SPM instruction can access the entire Flash,
including the BLS itself. The protection level for the Boot Loader section can be selected by the
Boot Loader Lock bits (Boot Lock bits 1), see Table 28-3 on page 366.
A page is a section in the Flash consisting of several bytes (see Table 29-7 on
page 381) used during programming sequence. The page organization does not
affect normal operation.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com