Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 151 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 151 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 147Page - ATMEL Corporation ATmega16HVB Datasheet HTML 148Page - ATMEL Corporation ATmega16HVB Datasheet HTML 149Page - ATMEL Corporation ATmega16HVB Datasheet HTML 150Page - ATMEL Corporation ATmega16HVB Datasheet HTML 151Page - ATMEL Corporation ATmega16HVB Datasheet HTML 152Page - ATMEL Corporation ATmega16HVB Datasheet HTML 153Page - ATMEL Corporation ATmega16HVB Datasheet HTML 154Page - ATMEL Corporation ATmega16HVB Datasheet HTML 155Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 273 page
background image
151
8042A–AVR–07/09
ATmega16HVB/32HVB
When the battery is started from a power-off condition by connecting a legal charger, SW should
determine whether to allow charging or not before enabling the C-FET. Before allowing charging
it is recommended to use the V-ADC to measure the cell temperature and cell voltages. Depend-
ing on the total cell voltage, the device should either start up in DUVR mode or in normal
charging mode with the C-FET and D-FET enabled.
• If the total cell voltage is below 4.5V, the battery should enter DUVR charging mode. This
ensures safe operation voltage while allowing charging.
• If the total cell voltage is above 4.5V, the battery should enter normal charging mode with both
C-FET and D-FET enabled.
The ”DUVR mode charging in 3-cell mode configuration” on page 151 shows an example of
charging 3 deeply discharged Li-ion cells in series using DUVR mode.
Figure 25-3. DUVR mode charging in 3-cell mode configuration
1.
A charger with 12.6V charge voltage is plugged to the Pack+ pin and the
ATmega16HVB/32HVB enters reset mode. Charger should be configured with a charge
current limit (pre-charge current).
2.
The ATmega16HVB/32HVB exit reset and initializes modules. To determine if charging
should be allowed and if DUVR mode should be entered, cell temperature and cell volt-
ages are measured by the V-ADC.
3.
D-FET is enabled and the VFET voltage increase to the Pack+ level.
4.
DUVR mode is entered by clearing the DUVRD bit in FCSR. The VFET voltage and the
Pack+ voltage will now be regulated to approximately 4.5V.
5.
The total cell voltage has reached the regulated VFET limit and VFET follows the cell
voltage as the battery is charged.
6.
The total cell voltage has reached 5V. DUVR mode is disabled and the C-FET can be
fully enabled. DUVR mode should be disabled before the C-CFET is enabled. VFET and
1 2
3
4
5 6
7
0
2
4
6
8
10
12
14
RESET
DUVRD
CFE
DFE
PVT
VFET
Pack+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com