Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 150 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 150 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 146Page - ATMEL Corporation ATmega16HVB Datasheet HTML 147Page - ATMEL Corporation ATmega16HVB Datasheet HTML 148Page - ATMEL Corporation ATmega16HVB Datasheet HTML 149Page - ATMEL Corporation ATmega16HVB Datasheet HTML 150Page - ATMEL Corporation ATmega16HVB Datasheet HTML 151Page - ATMEL Corporation ATmega16HVB Datasheet HTML 152Page - ATMEL Corporation ATmega16HVB Datasheet HTML 153Page - ATMEL Corporation ATmega16HVB Datasheet HTML 154Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 273 page
background image
150
8042A–AVR–07/09
ATmega16HVB/32HVB
The C-FET/D-FETs is switched on by pumping the gate OC/OD above the source voltage
(PVT/BATT) of the external FET. When the gate-source voltage has reached a level higher than
typically 13V the pumping frequency is reduced and is regulated to maintain the high gate-
source voltage. For low VFET voltages (< 8 Volts) this level is never reached, thus the pumping
frequency is not reduced. The gate-source voltage for low VFET voltages is close to 2VFET-2V.
To avoid over-heating the external FET's when turning them off OC/OD is pulled quickly low.
If the C-FET is disabled and D-FET enabled, discharge current will run through the body-drain
diode of the C-FET and vice versa. To avoid the potential heat problem from this situation, soft-
ware should ensure that the D-FET is not disabled when a large charge current is flowing, and
that the C-FET is not disabled when a large discharge current is flowing.
25.3.2
DUVR - Deep Under Voltage Recovery Mode without Pre-charge FET
To allow charging of deeply discharged cells using chargers with pre-charge functionality, the
FET Driver can be configured to operate in Deep Under-Voltage Recovery (DUVR) mode.
DUVR mode allows charging of deeply discharged cells without using an additional pre-charge
FET. To enter Deep Under Voltage Recovery Mode, software should clear the DUVRD bit
(DUVRD=0) in the FET Control and Status Register (FCSR).
In DUVR mode the FET Driver regulates the voltage at VFET quickly to typically 4.5V by partly
opening the C-FET. At this voltage the chip is fully operational. With the C-FET partly open the
charger is allowed to charge the battery with a pre-charge current. As the cell voltage starts to
increase above 4.5V the VFET voltage follows the cell voltage. When the total cell voltage has
been charged to a voltage higher than 5V, it is safe to exit DUVR mode and to turn-on the C-FET
completely. Software should then set the DUVRD bit to exit DUVR and fully open the C-FET by
setting the CFET bit. Note that it is recommended that this is done in two steps.
1.
Exit DUVR mode by setting the DUVRD bit.
2.
Wait until register synchronization is complete (see guard time notice in ”Register
Description” on page 153), and enable the C-FET by setting the CFE bit.
To avoid potential heating of the C-FET and D-FET in DUVR mode, the charger should not be
allowed to enter quick-charge until the FET has been completely enabled and the FET driver
has exit DUVR mode. It is therefore recommended to use the CC-ADC to continuously monitor
the current flowing during DUVR mode charging, and to turn-off the FETs if an illegal charge cur-
rent is measured. For fast tracking, it is recommended to use the CC-ADC Instantaneous
Current Output. For details on CC-ADC usage, see ”Coulomb Counter - Dedicated Fuel Gauging
Sigma-delta ADC” on page 108.
Before entering DUVR-mode it is recommended to enable the D-FET. After enabling the D-FET
it is recommended that SW add a hold-off time of 10ms before DUVR mode is entered. This is to
make sure that the D-FET is completely enabled.
To avoid that the charger enters quick-charge before the battery has exit DUVR mode, it is rec-
ommended that either
1.
The battery controls when the charger is allowed to enter quick-charge. This is done by
communicating to the charger over the SMBus line when the charger is allowed to enter
increase the charge current.
2.
The charger itself controls when to enter quick-charge by sensing the voltage at the
Pack+ terminal. It is not recommended that the charger allows quick-charge until the
charger senses a Pack+ voltage higher than 7V. To avoid potential heating problem SW
need to ensure to exit DUVR mode and enable the C-FET before the charger sees this
limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com