Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 146 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 146 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 142Page - ATMEL Corporation ATmega16HVB Datasheet HTML 143Page - ATMEL Corporation ATmega16HVB Datasheet HTML 144Page - ATMEL Corporation ATmega16HVB Datasheet HTML 145Page - ATMEL Corporation ATmega16HVB Datasheet HTML 146Page - ATMEL Corporation ATmega16HVB Datasheet HTML 147Page - ATMEL Corporation ATmega16HVB Datasheet HTML 148Page - ATMEL Corporation ATmega16HVB Datasheet HTML 149Page - ATMEL Corporation ATmega16HVB Datasheet HTML 150Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 273 page
background image
146
8042A–AVR–07/09
ATmega16HVB/32HVB
24.7.11
BPIMSK – Battery Protection Interrupt Mask Register
• Bit 7:5 – Res: Reserved Bits
These bits are reserved bits and will always read as zero.
• Bit 4 – SCIE: Short-circuit Protection Activated Interrupt
The SCIE bit enables interrupt caused by the Short-circuit Protection Activated Interrupt.
0xF6
35
0xF7
40
0xF8
45
0xF9
50
0xFA
55
0xFB
60
0xFC
65
0xFD
70
0x77
80
0x78
90
0x79
100
0x7A
110
0x7B
120
0x7C
130
0x7D
140
0x37
150
0x38
170
0x39
190
0x3A
210
0x3B
230
0x3C
250
0x3D
270
0x17
310
All other values
Reserved
Table 24-5.
DL[7:0] with corresponding R
SENSE voltage levels for all Current Detection Level
Registers (BPSCD, BPDOCD, BPCOCD, BPDHCD, BPCHCD).
Current Protection Detection Levels
Bit
765
432
10
(0xF2)
-
-
-
SCIE
DOCIE
COCIE
DHCIE
CHCIE
BPIMSK
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com