Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 143 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 143 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 139Page - ATMEL Corporation ATmega16HVB Datasheet HTML 140Page - ATMEL Corporation ATmega16HVB Datasheet HTML 141Page - ATMEL Corporation ATmega16HVB Datasheet HTML 142Page - ATMEL Corporation ATmega16HVB Datasheet HTML 143Page - ATMEL Corporation ATmega16HVB Datasheet HTML 144Page - ATMEL Corporation ATmega16HVB Datasheet HTML 145Page - ATMEL Corporation ATmega16HVB Datasheet HTML 146Page - ATMEL Corporation ATmega16HVB Datasheet HTML 147Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 273 page
background image
143
8042A–AVR–07/09
ATmega16HVB/32HVB
Notes:
1. The actual value depends on the actual frequency of the ”Ultra Low Power RC Oscillator” on
page 27. See ”Electrical Characteristics” on page 228.
2. Initial value.
3. An additional delay Td can be expected after enabling the corresponding FET. This is related to
the initialization of the protection circuitry. For the Discharge Over-Current protection, this
applies when enabling the Discharge FET. For Charge Over-Current protection, this applies
when enabling the Charge FET. With nominal ULP frequency this delay is maximum 0.1 ms.
Note:
Due to synchronization of parameters between clock domains, a guard time of 3 ULP oscillator
cycles + 3 CPU clock cycles is required between each time the BPOCTR register is written. Any
writing to the BPOCTR register during this period will be ignored.
24.7.5
BPHCTR – Battery Protection High-current Timing Register
• Bit 7:6 – Res: Reserved Bits
These bits are reserved in the ATmega16HVB/32HVB and will always read as zero.
• Bit 5:0 – HCPT5:0: High-current Protection Timing
These bits control the delay of the High-circuit Protection. The High-current Timing can be set
with a step size of 2 ms as shown in Table 24-4 on page 143.
Table 24-3.
Over-current Protection Reaction Time. OCPT[5:0] with corresponding Over-cur-
rent Delay Time.
Over-current Protection Reaction Time(1)
OCPT[5:0]
Typ
0x00
(0.0 - 0.5 ms) + T
d
(3)
0x01
(0.0 - 0.5 ms) + Td
(3)
0x02(2)
(0.5 - 1.0 ms) + Td
(3)
0x03
(1.0 - 1.5 ms) + T
d
(3)
...
...
0x3E
(30.5 - 31.0 ms) + Td
(3)
0x3F
(31.0 - 31.5 ms) + T
d
(3)
Bit
765
432
10
(0xFC)
–
–
HCPT[5:0]
BPHCTR
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
1
Table 24-4.
High-current Protection Reaction Time. HCPT[5:0] with corresponding High-cur-
rent Delay Time.
High-current Protection Reaction Time(1)
HCPT[5:0]
Typ
0x00
(0 - 2 ms) + Td
(3)
0x01(2)
(0 - 2 ms) + Td
(3)
0x02
(2 - 4 ms) + T
d
(3)
0x03
(4 - 6 ms) + Td
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com