Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 141 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 141 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 137Page - ATMEL Corporation ATmega16HVB Datasheet HTML 138Page - ATMEL Corporation ATmega16HVB Datasheet HTML 139Page - ATMEL Corporation ATmega16HVB Datasheet HTML 140Page - ATMEL Corporation ATmega16HVB Datasheet HTML 141Page - ATMEL Corporation ATmega16HVB Datasheet HTML 142Page - ATMEL Corporation ATmega16HVB Datasheet HTML 143Page - ATMEL Corporation ATmega16HVB Datasheet HTML 144Page - ATMEL Corporation ATmega16HVB Datasheet HTML 145Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 273 page
background image
141
8042A–AVR–07/09
ATmega16HVB/32HVB
locked, these registers cannot be accessed until the next hardware reset. This provides a safe
method for protecting the registers from unintentional modification by software runaway. It is rec-
ommended that software sets these registers shortly after reset, and then protect the registers
from further updates.
To lock these registers, the following algorithm must be followed:
1.
In the same operation, write a logic one to BPPLE and BPPL.
2.
Within the next four clock cycles, in the same operation, write a logic zero to BPPLE and
a logic one to BPPL.
24.7.2
BPCR – Battery Protection Control Register
• Bits 7:6 – Res: Reserved Bits
These bits are reserved bits and will always read as zero.
• Bit 5 – EPID: External Protection Input Disable
When this bit is set, the External Protection Input is disabled and any External Protection Input
will be ignored. Note that this bit overrides the GPIO functionality in the External Protection Input
port. If not using the External Protection Input feature, it is recommended that this bit is always
set.
• Bit 4 – SCD: Short Circuit Protection Disabled
When the SCD bit is set, the Short-circuit Protection is disabled. The Short-circuit Detection will
be disabled, and any Short-circuit condition will be ignored.
• Bit 3 – DOCD: Discharge Over-current Protection Disabled
When the DOCD bit is set, the Discharge Over-current Protection is disabled. The Discharge
Over-current Detection will be disabled, and any Discharge Over-current condition will be
ignored.
• Bit 2 – COCD: Charge Over-current Protection Disable
When the COCD bit is set, the Charge Over-current Protection is disabled. The Charge Over-
current Detection will be disabled, and any Charge Over-current condition will be ignored.
• Bit 1 – DHCD: Discharge High-current Protection Disabled
When the DHCD bit is set, the Discharge High-current Protection is disabled. The Discharge
High-current Detection will be disabled, and any Discharge High-current condition will be
ignored.
• Bit 0 – CHCD: Charge High-current Protection Disable
When the CHCD bit is set, the Charge High-current Protection is disabled. The Charge High-cur-
rent Detection will be disabled, and any Charge High-current condition will be ignored.
Note:
Due to synchronization of parameters between clock domains, a guard time of 3 ULP oscillator
cycles + 3 CPU clock cycles is required between each time the BPCR register is written. Any writ-
ing to the BPCR register during this period will be ignored.
Bit
765
4321
0
(0xFD)
–
–
EPID
SCD
DOCD
COCD
DHCD
CHCD
BPCR
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com