Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 140 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 140 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 136Page - ATMEL Corporation ATmega16HVB Datasheet HTML 137Page - ATMEL Corporation ATmega16HVB Datasheet HTML 138Page - ATMEL Corporation ATmega16HVB Datasheet HTML 139Page - ATMEL Corporation ATmega16HVB Datasheet HTML 140Page - ATMEL Corporation ATmega16HVB Datasheet HTML 141Page - ATMEL Corporation ATmega16HVB Datasheet HTML 142Page - ATMEL Corporation ATmega16HVB Datasheet HTML 143Page - ATMEL Corporation ATmega16HVB Datasheet HTML 144Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 273 page
background image
140
8042A–AVR–07/09
ATmega16HVB/32HVB
24.6
Battery Protection CPU Interface
The Battery Protection CPU Interface is illustrated in Figure 24-2 on page 140.
Figure 24-2. Battery Protection CPU Interface
Each protection originating from the Current Battery Protection module has an Interrupt Flag.
Each Flag can be read and cleared by the CPU, and each flag has an individual interrupt enable.
All enabled flags are combined into a single battery protection interrupt request to the CPU. This
interrupt can wake up the CPU from any operation mode, except Power-off. The interrupt flags
are cleared by writing a logic ‘1’ to their bit locations from the CPU. An interrupt event for the
External Protection Input can be generated by enabling the external interrupt for the input port.
24.7
Register Description
24.7.1
BPPLR – Battery Protection Parameter Lock Register
• Bit 7:2 – Res: Reserved Bits
These bits are reserved bits and will always read as zero.
• Bit 1 – BPPLE: Battery Protection Parameter Lock Enable
• Bit 0 – BPPL: Battery Protection Parameter Lock
The BPCR, BPHCTR, BPOCTR, BPSCTR, BPDHCD, BPCHCD, BPDOCD, BPCOCD and
BPSCD Battery Protection registers can be locked from any further software updates. Once
5
/
5
/
10
/
Interrupt
Request
Interrupt
Acknowledge
FET
Control
Current
Battery
Protection
Battery Protection
Control Register
Battery Protection
Timing Register
Battery Protection
Level Register
Battery Protection
Parameter Lock
Register
PPI
NNI
LOCK?
LOCK?
LOCK?
8-BIT DATA BUS
Power-off
Battery
Protection
Interrupt
Register
Current
Protection
EXTPROT
Bit
765
4321
0
(0xFE)
–––
–––
BPPLE
BPPL
BPPLR
Read/Write
RR
RRRR
R/W
R/W
Initial Value
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com