Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 142 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 142 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 138Page - ATMEL Corporation ATmega16HVB Datasheet HTML 139Page - ATMEL Corporation ATmega16HVB Datasheet HTML 140Page - ATMEL Corporation ATmega16HVB Datasheet HTML 141Page - ATMEL Corporation ATmega16HVB Datasheet HTML 142Page - ATMEL Corporation ATmega16HVB Datasheet HTML 143Page - ATMEL Corporation ATmega16HVB Datasheet HTML 144Page - ATMEL Corporation ATmega16HVB Datasheet HTML 145Page - ATMEL Corporation ATmega16HVB Datasheet HTML 146Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 273 page
background image
142
8042A–AVR–07/09
ATmega16HVB/32HVB
24.7.3
BPSCTR – Battery Protection Short-current Timing Register
• Bit 7 – Res: Reserved Bits
This bit is reserved in the ATmega16HVB/32HVB and will always read as zero.
• Bit 6:0 – SCPT6:0: Short-current Protection Timing
These bits control the delay of the Short-circuit Protection. The Short-circuit Timing can be set
with a step size of 62.5 µs as shown in Table 24-2 on page 142.
Notes:
1. The actual value depends on the actual frequency of the ”Ultra Low Power RC Oscillator” on
page 27. See ”Electrical Characteristics” on page 228.
2. Initial value: SCPT[0x10](1ms).
3. An additional delay T
d can be expected after enabling the Discharge FET due to initialization of
the protection circuit. With nomial ULP frequency this delay is maximum 86 µs.
Note:
Due to synchronization of parameters between clock domains, a guard time of 3 ULP oscillator
cycles + 3 CPU clock cycles is required between each time the BPSCTR register is written. Any
writing to the BPSCTR register during this period will be ignored.
24.7.4
BPOCTR – Battery Protection Over-current Timing Register
• Bit 7:6 – Res: Reserved Bits
These bits are reserved in the ATmega16HVB/32HVB and will always read as zero.
• Bit 5:0 – OCPT5:0: Over-current Protection Timing
These bits control the delay of the Over-circuit Protection. The Over-current Timing can be set
with a step size of 0.5 ms as shown in Table 24-3 on page 143.
Bit
765
432
10
(0xFA)
–
SCPT[6:0]
BPSCTR
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
1
0
0
0
0
Table 24-2.
Short-circuit Protection Reaction Time. SCPT[6:0] with corresponding Short-cir-
cuit Delay Time.
Short-circuit Protection Reaction Time(1)
SCPT[6:0](2)
Typ
0x00
(15.5 - 70.5 µs) + Td
(3)
0x01
(15.5 - 70.5 µs) + Td
(3)
0x02
(78.0 - 133.0 µs) + T
d
(3)
0x03
(140.5 - 195.5 µs) + Td
(3)
...
...
0x7E
(7.83 - 7.88 ms) + T
d
(3)
0x7F
(7.89 - 7.95 ms) + Td
(3)
Bit
765
4321
0
(0xFB)
–
–
OCPT[5:0]
BPOCTR
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0001
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com