Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 144 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 144 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 140Page - ATMEL Corporation ATmega16HVB Datasheet HTML 141Page - ATMEL Corporation ATmega16HVB Datasheet HTML 142Page - ATMEL Corporation ATmega16HVB Datasheet HTML 143Page - ATMEL Corporation ATmega16HVB Datasheet HTML 144Page - ATMEL Corporation ATmega16HVB Datasheet HTML 145Page - ATMEL Corporation ATmega16HVB Datasheet HTML 146Page - ATMEL Corporation ATmega16HVB Datasheet HTML 147Page - ATMEL Corporation ATmega16HVB Datasheet HTML 148Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 273 page
background image
144
8042A–AVR–07/09
ATmega16HVB/32HVB
Notes:
1. The actual value depends on the actual frequency of the ”Ultra Low Power RC Oscillator” on
page 27. See ”Electrical Characteristics” on page 228.
2. Initial value.
3. An additional delay T
d can be expected after enabling the corresponding FET. This is related to
the initialization of the protection circuitry. For the Discharge High-Current protection, this
applies when enabling the Discharge FET. For Charge High-Current protection, this applies
when enabling the Charge FET. With nominal ULP frequency this delay is maximum 0.2 ms.
Note:
Due to synchronization of parameters between clock domains, a guard time of 3 ULP oscillator
cycles + 3 CPU clock cycles is required between each time the BPHCTR register is written. Any
writing to the BPHCTR register during this period will be ignored.
24.7.6
BPSCD – Battery Protection Short-circuit Detection Level Register
• Bits 7:0 – SCDL7:0: Short-circuit Detection Level
These bits sets the R
SENSE voltage level for detection of Short-circuit in the Discharge Direction,
as defined in Table 24-5 on page 145.
Note:
Due to synchronization of parameters between clock domains, a guard time of 3 ULP oscillator
cycles + 3 CPU clock cycles is required between each time the BPSCD register is written. Any
writing to the BPSCD register during this period will be ignored.
24.7.7
BPDOCD – Battery Protection Discharge-Over-current Detection Level Register
• Bits 7:0 – DOCDL7:0: Discharge Over-current Detection Level
These bits sets the R
SENSE voltage level for detection of Discharge Over-current, as defined in
Table 24-5 on page 145.
Note:
Due to synchronization of parameters between clock domains, a guard time of 3 ULP oscillator
cycles + 3 CPU clock cycles is required between each time the BPDOCD register is written. Any
writing to the BPDOCD register during this period will be ignored.
...
...
0x3E
(122 - 124 ms) + T
d
(3)
0x3F
(124 - 126 ms) + Td
(3)
Table 24-4.
High-current Protection Reaction Time. HCPT[5:0] with corresponding High-cur-
rent Delay Time.
High-current Protection Reaction Time(1)
Bit
765
4321
0
(0xF5)
SCDL[7:0]
BPSCD
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
111
1001
1
Bit
765
432
10
(0xF6)
DOCDL[7:0]
BPDOCD
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
1
1
1
1
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com