Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 147 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 147 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 143Page - ATMEL Corporation ATmega16HVB Datasheet HTML 144Page - ATMEL Corporation ATmega16HVB Datasheet HTML 145Page - ATMEL Corporation ATmega16HVB Datasheet HTML 146Page - ATMEL Corporation ATmega16HVB Datasheet HTML 147Page - ATMEL Corporation ATmega16HVB Datasheet HTML 148Page - ATMEL Corporation ATmega16HVB Datasheet HTML 149Page - ATMEL Corporation ATmega16HVB Datasheet HTML 150Page - ATMEL Corporation ATmega16HVB Datasheet HTML 151Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 273 page
background image
147
8042A–AVR–07/09
ATmega16HVB/32HVB
• Bit 3 – DOCIE: Discharge Over-current Protection Activated Interrupt
The DOCIE bit enables interrupt caused by the Discharge Over-current Protection Activated
Interrupt.
• Bit 2 – COCIE: Charge Over-current Protection Activated Interrupt
The COCIE bit enables interrupt caused by the Charge Over-current Protection Activated
Interrupt.
• Bit 1 - DHCIE : Discharger High-current Protection Activated Interrupt
The DHCIE bit enables interrupt caused by the Discharge High-current Protection Activated
Interrupt.
• Bit 0 - CHCIE : Charger High-current Protection Activated Interrupt
The CHCIE bit enables interrupt caused by the Charge High-current Protection Activated
Interrupt.
24.7.12
BPIFR – Battery Protection Interrupt Flag Register
• Bit 7:5 – Res: Reserved Bit
These bits are reserved and will always read as zero.
• Bit 4 – SCIF: Short-circuit Protection Activated Interrupt
Once Short-circuit violation is detected, SCIF becomes set. The flag is cleared by writing a logic
one to it.
• Bit 3 – DOCIF: Discharge Over-current Protection Activated Interrupt
Once Discharge Over-current violation is detected, DOCIF becomes set. The flag is cleared by
writing a logic one to it.
• Bit 2 – COCIF: Charge Over-current Protection Activated Interrupt
Once Charge Over-current violation is detected, COCIF becomes set. The flag is cleared by
writing a logic one to it.
• Bit 1 – DHCIF: Discharge High-current Protection Activated Interrupt
Once Discharge High-current violation is detected, DHCIF becomes set. The flag is cleared by
writing a logic one to it.
• Bit 0 – CHCIF: Charge High-current Protection Activated Interrupt
Once Charge High-current violation is detected, CHCIF becomes set. The flag is cleared by writ-
ing a logic one to it.
Bit
765
432
10
(0xF3)
-
-
-
SCIF
DOCIF
COCIF
DHCIF
CHCIF
BPIFR
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com