Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16HVB Datasheet(PDF) 149 Page - ATMEL Corporation

Part # ATmega16HVB
Description  8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16HVB Datasheet(HTML) 149 Page - ATMEL Corporation

Back Button ATmega16HVB Datasheet HTML 145Page - ATMEL Corporation ATmega16HVB Datasheet HTML 146Page - ATMEL Corporation ATmega16HVB Datasheet HTML 147Page - ATMEL Corporation ATmega16HVB Datasheet HTML 148Page - ATMEL Corporation ATmega16HVB Datasheet HTML 149Page - ATMEL Corporation ATmega16HVB Datasheet HTML 150Page - ATMEL Corporation ATmega16HVB Datasheet HTML 151Page - ATMEL Corporation ATmega16HVB Datasheet HTML 152Page - ATMEL Corporation ATmega16HVB Datasheet HTML 153Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 273 page
background image
149
8042A–AVR–07/09
ATmega16HVB/32HVB
For safe operation the FET driver automatically turns off both the Charge and Discharge FET if
the autonomous Battery Protection circuitry (see ”Battery Protection” on page 135) detects an
illegal current condition. If such conditions occur, software is not allowed to turn on the FETs
until the current condition has normalized.
To charge deeply discharged cells the ATmega16HVB/32HVB can be configured to run in Deep
Under Voltage Recovery (DUVR) mode. Using chargers with pre-charge current functionality,
this allows charging of deeply discharge cells without an additional pre-charge FET. For char-
gers without a pre-charge limitation current, an optional pre-charge FET in parallel with a charge
FET is supported to be able to charge deeply discharge cells.
25.3
Operation and Usage
25.3.1
Normal Operation
In normal operation (DUVRD=1), the FET control is used to enable and disable the Charge FET
and Discharge FET. Normally, the FETs are enabled and disabled by SW writing to the FET
Control and Status Register (FCSR). However, the autonomous Battery Protection circuitry will if
necessary override SW settings to protect the battery cells from too high Charge- or Discharge
currents. Note that the CPU is never allowed to enable a FET that is disabled by the battery pro-
tection circuitry. The FET control is shown in Figure 25-1 on page 148.
Figure 25-2. FET Control module.
If Current Protection is activated by the Battery Protection circuitry both the Charge-FET and
Discharge FET will be disabled by hardware. When the protection condition disappears the Cur-
rent Protection Timer will ensure a hold-off time of 1 second before software can re-enable the
external FETs.
To turn on the Charge and Discharge FET a minimum VFET supply voltage is required. When
the C-FET/D-FET is off with a total cell voltage lower than 6V, SW should not turn on the C-
FET/D-FET unless a charger is connected. If the total cell voltage is higher than 6V, SW could
turn-on the C-FET or D-FET. Note however, if the FETs are already turned-on, the FET driver
can operate in the entire supply operating range of the device.
FET
Control
and
Status
Register
DFE
CFE
CURRENT_PROTECTION
Power-off Mode
CHARGE_EN
DISCHARGE_EN
DUVRD
DUVR_OFF
Current Protection
Timer
External_Protection_Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com