Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 118 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 118 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 159 page
background image
ST7713
Ver 1.6
2008-05
118
10.1.23 RAMHD (2Eh): Memory Read
2EH
RAMHD (Memory Read)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RAMHD
0
↑
1
-
0
0
1
0
1
1
1
0
(2Eh)
1
st Parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd Parameter
1
1
↑
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
-
∣
1
1
↑
∣
∣
∣
∣
∣
∣
∣
∣
∣
∣
(N+1)
th Parameter
1
1
↑
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command is used to transfer data from frame memory to MCU.
-When this command is accepted, the column register and the row register are reset to the Start
Column/Start Row positions.
-The Start Column/Start Row positions are different in accordance with MADCTL setting. (See section 9.12)
-Then D[17:0] is read back from the frame memory and the column register and the row register
incremented as section 9.10.2.
-Frame Read can be cancelled by sending any other command.
-The data color coding is fixed to 18-bit in reading function. Please see section 9.8 “Data color coding” for
color coding (18-bit cases), when there is used 8, 9, 16 and 18-bit data lines for image data.
Note1: The Command 3Ah should be set to 66h when reading pixel data from frame memory.Please check the LUT in
chapter 9.19 when using memory read function.
Default
Status
Default Value
Power On Sequence
Contents of memory is set randomly
S/W Reset
Contents of memory is not cleared
H/W Reset
Contents of memory is not cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com