Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 121 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 121 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 159 page
background image
ST7713
Ver 1.6
2008-05
121
Flow Chart
NOTE: The Frame Memory Window size must be defined correctly otherwise undesirable image will be displayed.
1. To Enter Vertical Scroll Mode
Legend
Normal Mode
SCRLAR (33h)
1
st & 2nd Parameter: TFA[7:0]
3
rd & 4th Parameter VSA[7:0]
5
th & 6th Parameter BFA[7:0]
Command
Parameter
Display
Action
Mode
Sequential
transfer
CASET (2Ah)
1
st & 2nd Parameter XS[7:0]
3
rd & 4th Parameter XE[7:0]
Redefines the Frame
memory Window that
the scroll data will be
define
Only required
for non-rolling
scrolling
RASET (2
1
st & 2nd Parameter YS[7:0]
3
rd & 4th Parameter YE[7:0]
MADCTL (36h)
Parameter: MY,MX,MV,ML,RGB
RAMRW (2Ch)
Scroll Image
Data
VSCSAD (37h)
1
st
& 2
nd
Parameter SS A[7:0]1
Scroll Mode
Optional –
It may be necessary
to redefine the Frame
Memory Write
Direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com