Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7713 Datasheet(PDF) 124 Page - Sitronix Technology Co., Ltd.

Part # ST7713
Description  262K Color Single-Chip TFT Controller/Driver
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7713 Datasheet(HTML) 124 Page - Sitronix Technology Co., Ltd.

Back Button ST7713 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7713 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 159 page
background image
ST7713
Ver 1.6
2008-05
124
10.1.29 MADCTL (36h): Memory Data Access Control
36H
MADCTL (Memory Data Access Control)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
MADCTL
0
↑
1
-
0
0
1
1
0
1
1
0
(36h)
1st Parameter
1
↑
1
-
MY
MX
MV
ML
RGB
-
-
-
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command defines read/ write scanning direction of frame memory.
-Bit Assignment
Bit
NAME
DESCRIPTION
MY
Row Address Order
MX
Column Address Order
MV
Row/Column Exchange
These 3bits controls MCU to memory
write/read direction. (See Section 9.12)
ML
Vertical Refresh Order
LCD vertical refresh direction control
‘0’ = LCD vertical refresh Top to Bottom
‘1’ = LCD vertical refresh Bottom to Top
RGB
RGB-BGR ORDER
Color selector switch control
‘0’ =RGB color filter panel,
‘1’ =BGR color filter panel)
Default
Status
Default Value
Power On Sequence
MY=0,MX=0,MV=0,ML=0,RGB=0
S/W Reset
No Change
H/W Reset
MY=0,MX=0,MV=0,ML=0,RGB=0
Sent 3rd
Sent 2nd
Sent First
Memory
Display
Sent Last
Sent Last
ML: Vertical Refresh Order
Memory
Display
Sent First
Sent 2nd
Sent 3rd
Top-Left (0,0)
ML=’0’
Top-Left (0,0)
ML=’1’
RGB: RGB-BGR Order
R G B
SIG1
RGB=”0”
Driver IC
R G B
SIG2
R G B
SIG132
R G B
SIG1
RGB=”1”
Driver IC
R G B
SIG2
R G B
SIG132
SIG1
R G
B
R G
SIG2
R G B
R G B
LCD Panel
SIG132
R G B
R G B
SIG1
B G
R
SIG2
B
G R
B G R
LCD Panel
SIG132
B G R
B G R
R G B
R G B
R G B
R G B
R G B
R G B
B G R
B G R
B G R
B G R
B G R
B G R
R G B
R G B
R G B
R G B
R G B
R G B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com